Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6911CTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6911CTR
Description  5 BIT PROGRAMMABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6911CTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6911CTR Datasheet HTML 11Page - STMicroelectronics L6911CTR Datasheet HTML 12Page - STMicroelectronics L6911CTR Datasheet HTML 13Page - STMicroelectronics L6911CTR Datasheet HTML 14Page - STMicroelectronics L6911CTR Datasheet HTML 15Page - STMicroelectronics L6911CTR Datasheet HTML 16Page - STMicroelectronics L6911CTR Datasheet HTML 17Page - STMicroelectronics L6911CTR Datasheet HTML 18Page - STMicroelectronics L6911CTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
L6911C
Efficiency
Figure 11 shows the measured efficiency versus load current for different values of output voltage. The measure
was done at Vin=5V for different values of the output voltage (2.05V and 2.75V). Two different measurements
were done using IC supply voltage of 5V and 12V.
In the application two mosfets STS12NF30L (30V, 10m
Ω typ @ Vgs=4.5V) connected in parallel are used for
both the low and the high side.
The board has been layed out with the possibility to use up to three SO8 mosfets for both high and low side
switch. Two D
2PACK mosfets (one for each high and low side) may also be used in order to allow the maximum
flexibility in meeting different requirements.
Figure 11. Efficiency vs. load
Vcc = 12V; Vin = 5V
Vcc = Vin = 5V
55
60
65
70
75
80
85
90
95
0
2
4
6
8
10
12
14
16
Out put Current [A]
Vout = 1.7V
Vout = 2.0V
Vout = 2.5V
55
60
65
70
75
80
85
90
95
0
2
4
6
8
10
12
14
16
Out put C urren t [A ]
Vout = 1.7V
Vout = 2.0V
Vout = 2.5V
Load Transient Response
Figure 12 shows the demo board response to a load
transient application. The load transient applied
changes from 0A to 14A on the output current (Chan-
nel 4). It may be observed that output voltage (Chan-
nel 1) remains within the 100mV tolerance across the
regulated voltage. Figure 13 shows details about the
the circuit response during current rising and falling
edge; it is possible to observe that the duty cycle of
the Phase signal (Channel 2) goes up to 100% or
down to 0% if necessary.
Figure 12. Load Transient Response
Figure 13. Load Transient Response Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com