Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PLS159 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PLS159
Description  Programmable logic sequencer 16 횞 45 횞 12
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS159 Datasheet(HTML) 3 Page - NXP Semiconductors

  PLS159 Datasheet HTML 1Page - NXP Semiconductors PLS159 Datasheet HTML 2Page - NXP Semiconductors PLS159 Datasheet HTML 3Page - NXP Semiconductors PLS159 Datasheet HTML 4Page - NXP Semiconductors PLS159 Datasheet HTML 5Page - NXP Semiconductors PLS159 Datasheet HTML 6Page - NXP Semiconductors PLS159 Datasheet HTML 7Page - NXP Semiconductors PLS159 Datasheet HTML 8Page - NXP Semiconductors PLS159 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS159A
Programmable logic sequencer
(16
× 45 × 12)
October 22, 1993
27
FUNCTIONAL DIAGRAM
C
a
b
S
Q
Q
C
a
b
a
b
X
CK
P
R
J
K
Q
M
(LOGIC TERMS)
(CONTROL TERMS)
PB
D
EA
B
F
T31
T0
FC
(4)
OE
EB
CK
P
R
J
K
Q
M
(4)
F
RB PA
RA
LB
LA
CLK
CK
LOGIC FUNCTION
0
1
0
0
0
1
STATE REGISTER
SR
Sn + 1
PRESENT STATE
A
B C . . .
NEXT STATE
Q2
Q1
Q0
SET Q0: J0 = (Q3 Q2 Q1 Q0) A B C . . .
K0 = 0
RESET Q1: J1 = 0
K1 = (Q3Q2 Q1 Q0) A B C . . .
HOLD Q2: J2 = 0
K2 = 0
1
0
Q3
TOGGLE Q3: J3 = (Q3 Q2 Q1 Q0) A B C . . .
K3 = (Q3Q2 Q1 Q0) A B C . . .
NOTE:
Similar logic functions are applicable for D
and T mode flip-flops.
FLIP-FLOP TRUTH TABLE
OE
L
CK
P
R
J
K Q
F
H
Hi-Z
L
X
X
L
X
X
X
L
H
L
X
X
H
L
X
X H
L
L
X
X
L
H X
X
L
H
L
L
L
L
L
L
Q
Q
L
L
L
L
L
H
L
H
L
L
L
L
H
L
H
L
L
L
L
L
H
H Q
Q
H
H
L
L
L
H
L
H*
H
H
L
L
H
L
H
L*
+10V
X
X
X
L
H
L
H* *
X
X
X H
L
H
L* *
NOTES:
1. Positive Logic:
J-K = T0 + T1 + T2 ……………… T31
Tn = C⋅ (I0 ⋅ I1 ⋅ I2 …) ⋅ (Q0 ⋅ Q1 …) ⋅
(B0
⋅ B1 ⋅ …)
2.
↑ denotes transition from Low to High level.
3. X = Don’t care
4. * = Forced at Fn pin for loading the J-K
flip-flop in the Input mode. The load
control term, Ln must be enabled (HIGH)
and the p-terms that are connected to the
associated flip-flop must be forced LOW
(disabled) during Preload.
5. At P = R = H, Q = H. The final state of Q
depends on which is released first.
6. * * = Forced at Fn pin to load J-K flip-flop
independent of program code (Diagnostic
mode), 3-State B outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com