Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS46PS-2/M16 Datasheet(PDF) 1 Page - Turck, Inc.

Part # FS46PS-2/M16
Description  M12 Power Receptacle – Front Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

FS46PS-2/M16 Datasheet(HTML) 1 Page - Turck, Inc.

  FS46PS-2/M16 Datasheet HTML 1Page - Turck, Inc. FS46PS-2/M16 Datasheet HTML 2Page - Turck, Inc. FS46PS-2/M16 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
1|3
FS46PS-2/M16
M12 Power Receptacle – Front Mount
Technical data
Type
FS46PS-2/M16
ID
U2-29262
Connector A
Male, M12 × 1, S-code
Design specification
Acc. to IEC 61076-2-111
Number of contacts
3+PE
Contacts
Brass, CuZn, Gold-plated
Contact carriers
Plastic, PA, Black
Connector seal
Plastic
Housing material/finish
Brass, CuZn, Nickel-plated
Tightening torque (range)
0.4 … 1 Nm
(note max. torque of mating connector!)
Mounting orientation
Front mount
Panel seal
O-ring, plastic, NBR
Mounting thread
M16 × 1.5
Locknut
Brass, CuZn, Nickel-plated
Receptacle mounting torque
2.5…7.3 Nm
Mechanical life
> 100 Mating cycles
Pollution degree
3
Protection class (When coupled)
IP67, IP68
NEMA: 1, 3, 4, 6P
Conductor data
 
Total number of conductors
4
Length (L)
2  m, 2 m, (+50mm or 4% of length/-0.0,
Whichever is greater)
Features
■Male M12 powerfast Receptacle
■M12 Power, Male, S-code, 3-pole + PE
■M12-Stecker, S-codiert, 3-polig + PE
Contact assignment
Connector A
Circuit Diagram


Similar Part No. - FS46PS-2/M16

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
FS46PS-0.5/M16 TURCK-FS46PS-0.5/M16 Datasheet
1Mb / 3P
M12 Power Receptacle – Front Mount
01/17/2024
FS46PS-1/M16 TURCK-FS46PS-1/M16 Datasheet
1Mb / 3P
M12 Power Receptacle – Front Mount
01/17/2024
More results

Similar Description - FS46PS-2/M16

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
880-003R GLENAIR-880-003R Datasheet
453Kb / 2P
Front Panel Mount Receptacle
ITS-901-00-2 GLENAIR-ITS-901-00-2 Datasheet
237Kb / 2P
Front and Rear Mount Receptacle
ITS-901-00-3 GLENAIR-ITS-901-00-3 Datasheet
232Kb / 2P
Front and Rear Mount Receptacle
logo
Alpha Wire
ACF ALPHAWIRE-ACF Datasheet
169Kb / 2P
M12-A Female Front Mount PG9 Receptacle
ACFS ALPHAWIRE-ACFS Datasheet
174Kb / 2P
M12 Female M16 Mount Receptacle
DCF ALPHAWIRE-DCF Datasheet
173Kb / 2P
M12-A Male Front Mount PG9 Receptacle
DCFS ALPHAWIRE-DCFS Datasheet
191Kb / 2P
M12-A Male Front Mount M16 Receptacle
logo
Molex Electronics Ltd.
1200700121 MOLEX-1200700121 Datasheet
35Kb / 1P
Micro-Change (M12) 4 Poles, Front Panel Mount Receptacle, 1/4" - 18 NPT Threads
logo
HARTING Technology Grou...
21033091431 HARTING-21033091431 Datasheet
524Kb / 3P
M12 Power S - PCB male front 1pc
2022-10-26
21033092431 HARTING-21033092431 Datasheet
523Kb / 3P
M12 Power S - PCB female front 1pc
2022-10-26
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com