Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS46PS-2/M16 Datasheet(PDF) 2 Page - Turck, Inc.

Part # FS46PS-2/M16
Description  M12 Power Receptacle – Front Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

FS46PS-2/M16 Datasheet(HTML) 2 Page - Turck, Inc.

  FS46PS-2/M16 Datasheet HTML 1Page - Turck, Inc. FS46PS-2/M16 Datasheet HTML 2Page - Turck, Inc. FS46PS-2/M16 Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TURCK Inc. | 3000 Campus Drive Minneapolis, MN 55441-2656 | Phone: 763-553-7300 | Application Support: 1-800-544-7769 | Fax 763-553-0708 | www.turck.com
2|3
Technical data
Conductor material
TC (tinned copper)
Conductor insulation material
PVC
Conductor size
4 x 16 AWG [Similar to 1.50 mm²]
Conductor colors
BK1, BK2, BK3, GNYE
Electrical properties at +20 °C
 
Rated voltage
630 V
Current
12 A
Mechanical and chemical properties  
Ambient temperature range (static)
-40…+85 °C
Note
 
- CAUTION: RISK OF ELECTRICAL
SHOCK. DO NOT DISCONNENT
UNDER LOAD.
- We reserve the right to make technical
alterations without prior notice.
Mounting hole - Through
Mounting hole - Threaded
Front panel mounting



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com