Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2000 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2000
Description  Low Input Voltage 150mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2000_06 Datasheet HTML 1Page - Monolithic Power Systems MP2000_06 Datasheet HTML 2Page - Monolithic Power Systems MP2000_06 Datasheet HTML 3Page - Monolithic Power Systems MP2000_06 Datasheet HTML 4Page - Monolithic Power Systems MP2000_06 Datasheet HTML 5Page - Monolithic Power Systems MP2000_06 Datasheet HTML 6Page - Monolithic Power Systems MP2000_06 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MP2000 – LOW INPUT VOLTAGE, 150mA LINEAR REGULATOR
INITIAL RELEASE SPECIFICATIONS SUBJECT TO CHANGE
MP2000 Rev. 0.93
www.MonolithicPower.com
2
4/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PACKAGE REFERENCE
Part Number**
Package
Temperature
MP2000DJ-ADJ
MP2000DJ-1.0
TSOT23-5
–40
°C to +85°C
** For Tape & Reel, add suffix –Z (eg. MP2000DJ–ADJ–Z)
For Lead Free, add suffix –LF (eg. MP2000DJ–ADJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
IN Supply Voltage....................... –0.3V to +7.0V
FB Voltage.........................–0.3V to VOUT + 0.3V
EN
Voltage..........................................IN – 0.7V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature .............–65°C to +150
°C
Recommended Operating Conditions
(2)
Input Voltage ................................ 1.35V to 6.0V
Output Voltage................................... 0.5V to 5V
Load Current...........................150mA Maximum
Operating Temperature .............–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSOT23-5.............................. 220 .... 110..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 1.8V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
IOUT = 1mA
65
µA
Ground Pin Current
IOUT = 150mA
2.7
mA
Shutdown Current
EN
= 1.0V, VIN = 5V
7
10
µA
FB Regulation Voltage
0.485
0.500
0.515
V
IOUT = 100mA
250
Dropout Voltage
(4)
IOUT = 150mA
300
mV
Line Regulation
IOUT = 1mA,
VIN = (VOUT + 0.5V) to 6.0V
(6)
0.01
0.08
%/V
Load Regulation
IOUT = 1mA to 150mA,
VIN = VOUT + 0.5V
(6)
0.001
0.02
%/mA
PSRR
(5)
VIN > VOUT + 0.5V, C3 = 2.2µF,
VIN(AC) = 100mV, f = 1KHz
50
dB
Output Voltage Noise
(5)
f = 1KHz, CFB > 0.1µF, IOUT = 1mA
300
nV/√Hz
EN
Input Low Voltage
0.7
V
EN
Input Bias Current
EN
= 5V
0.01
1
µA
Thermal Protection
(5)
145
°C
Current Limit Protection
(5)
VOUT = 1.2V
200
mA
Thermal Protection
Hysteresis
(5)
30
°C
Notes:
4) Dropout Voltage is defined as the input to output differential when the output voltage drops 1% below its normal value.
5) Parameter is guaranteed by design, not production tested.
6) VIN = 1.35V for VOUT = 0.5V to 0.85V
TOP VIEW
IN
GND
EN
1
2
3
5
4
OUT
FB
MP2000_PD01-TSOT23-5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com