Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2000 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2000
Description  Low Input Voltage 150mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2000_06 Datasheet HTML 1Page - Monolithic Power Systems MP2000_06 Datasheet HTML 2Page - Monolithic Power Systems MP2000_06 Datasheet HTML 3Page - Monolithic Power Systems MP2000_06 Datasheet HTML 4Page - Monolithic Power Systems MP2000_06 Datasheet HTML 5Page - Monolithic Power Systems MP2000_06 Datasheet HTML 6Page - Monolithic Power Systems MP2000_06 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MP2000 – LOW INPUT VOLTAGE, 150mA LINEAR REGULATOR
INITIAL RELEASE SPECIFICATIONS SUBJECT TO CHANGE
MP2000 Rev. 0.93
www.MonolithicPower.com
3
4/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
PIN FUNCTIONS
Pin #
Name
Description
1
IN
Power Source Input. IN supplies the internal power to the MP2000 and is the source of the
pass transistor. Bypass IN to GND with a 2.2µF or greater capacitor.
2
GND
Ground.
3
EN
Enable Input. Drive EN high to turn off the MP2000; low to turn it on. For automatic startup,
connect EN to GND.
4
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the output
voltage. OUT feedback threshold is 0.5V.
5
OUT
Regulator Output. OUT is the output of the linear regulator. Bypass OUT to GND with a
2.2µF or greater capacitor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com