Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISCD7022 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCD7022
Description  SiC Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD7022 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCD7022 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD7022 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCD7022 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCD7022
eq GB05MPS33-263
SiC Schottky Rectifier
www.iscsemi.com
2
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 5A,TJ= 25℃
--
--
3.0
V
IF= 5A,TJ= 175℃
--
5.5
--
IR
Reverse Current
VR=VRRM;TJ=25℃
--
--
10
uA
VR=VRRM;TJ=175℃
--
--
30
uA
QC
Total Capacitive Charge
IF ≤IF,MAX
dI /dt = 200 A/µs
VR = 1500 V
--
36
--
nC
C
Total Capacitance
VR = 1 V, f = 1MHz
--
280
--
pF
PACKAGE OUTLINE (UNIT: mm):
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.7
℃
/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com