Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISCD7022 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCD7022
Description  SiC Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD7022 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCD7022 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD7022 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCD7022 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCD7022
eq GB05MPS33-263
SiC Schottky Rectifier
www.iscsemi.com
1
FEATURES
· Low Thermal Resistance
· Low V for High Temperature Operation
· Low Reverse Leakage Current
· Positive Temperature Coefficient of V
APPLICATIONS
· Solar inverter
· Power factor correction
· Switch mode power supply
· Data Center
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
3300
V
IF
Continuous Forward Current
TC=100℃
11
A
TC=135℃
8
A
TC=158℃
5
A
IFSM
Non-Repetitive Peak Forward
Surge Current, Half SineWave
TC=25℃, t = 10 ms
50
A
TC=150℃, t = 10 ms
40
A
IFRM
Repetitive Peak Forward Surge
Current, Half Sine Wave
TC=25℃, t = 10 ms
30
A
TC=150℃, t = 10 ms
21
A
PTOT
Power Dissipation
271
W
I2T
I2 t Value
12
A2S
dV/dt
Diode Ruggedness
V = 0 ~ 2640 V
200
V/ns
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
175
℃


Similar Part No. - ISCD7022

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCD7020 ISC-ISCD7020 Datasheet
235Kb / 3P
SiC Schottky Rectifier
ISCD7021 ISC-ISCD7021 Datasheet
241Kb / 3P
SiC Schottky Rectifier
ISCD7023 ISC-ISCD7023 Datasheet
266Kb / 2P
SiC Schottky Rectifier
ISCD7024 ISC-ISCD7024 Datasheet
397Kb / 3P
SiC Schottky Rectifier
ISCD7025 ISC-ISCD7025 Datasheet
242Kb / 3P
SiC Schottky Barrier Diode
More results

Similar Description - ISCD7022

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK45MLET12SCP SEMIKRON-SK45MLET12SCP Datasheet
275Kb / 4P
SiC Power MOSFET and SiC Schottky
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com