Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

24CSM01-I/P Datasheet(PDF) 19 Page - Microchip Technology

Part # 24CSM01-I/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-I/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button 24CSM01-I/P Datasheet HTML 15Page - Microchip Technology 24CSM01-I/P Datasheet HTML 16Page - Microchip Technology 24CSM01-I/P Datasheet HTML 17Page - Microchip Technology 24CSM01-I/P Datasheet HTML 18Page - Microchip Technology 24CSM01-I/P Datasheet HTML 19Page - Microchip Technology 24CSM01-I/P Datasheet HTML 20Page - Microchip Technology 24CSM01-I/P Datasheet HTML 21Page - Microchip Technology 24CSM01-I/P Datasheet HTML 22Page - Microchip Technology 24CSM01-I/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 19
24CSM01
7.0
READ OPERATIONS
Read operations are initiated the same way as write
operations with the exception that the Read/Write
Select (R/W) bit in the device address byte must be a
logic ‘1’. There are three read operations:
• Current Address Read
• Random Read
• Sequential Read
7.1
Current Address Read
The 24CSM01 contains an internal Address Pointer
that maintains the word address of the last byte
accessed, internally incremented by one. Therefore, if
the previous read access was to address ‘n’ (n is any
legal address), the next current address read operation
would access data from address ‘n+1’.
A current address read operation will output data
according to the location of the internal Address
Pointer. This is initiated with a Start condition followed
by a valid device address byte with the R/W bit set to
logic ‘1’. The device will ACK this sequence and the
current address data byte is serially clocked out on the
SDA line. All types of read operations will be terminated
if the host does not respond with an ACK (it NACKs)
during the ninth clock cycle, which will force the device
into Standby mode. After the NACK response, the host
may send a Stop condition to complete the protocol, or
it can send a Start condition to begin the next
sequence.
FIGURE 7-1:
CURRENT ADDRESS READ
SCL
1
3
45
67
8
29
13
4
5
6
7
8
29
SDA
MSb
11
0
A2
A1
x1
0
D7 D6
D4
D3
D2 D1 D0
1
D5
0
MSb
Data Byte (n)
Device Address Byte
NACK
from
Host
Stop
by
Host
ACK
from
Client
Start
by
Host
Note 1: “Don’t care” bit.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com