Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

24CSM01-I/P Datasheet(PDF) 17 Page - Microchip Technology

Part # 24CSM01-I/P
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01-I/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button 24CSM01-I/P Datasheet HTML 13Page - Microchip Technology 24CSM01-I/P Datasheet HTML 14Page - Microchip Technology 24CSM01-I/P Datasheet HTML 15Page - Microchip Technology 24CSM01-I/P Datasheet HTML 16Page - Microchip Technology 24CSM01-I/P Datasheet HTML 17Page - Microchip Technology 24CSM01-I/P Datasheet HTML 18Page - Microchip Technology 24CSM01-I/P Datasheet HTML 19Page - Microchip Technology 24CSM01-I/P Datasheet HTML 20Page - Microchip Technology 24CSM01-I/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 17
24CSM01
6.5
Acknowledge Polling
Since the device will not acknowledge during a write
cycle, Acknowledge polling can be used to determine
when the cycle is complete (this feature can be used to
maximize bus throughput). Once the Stop condition for a
write operation has been issued from the host, the
device initiates the internally timed write cycle. ACK
polling can be initiated immediately. This involves the
host sending a Start condition followed by the device
address byte for a write operation (R/W = ‘0’). If the
device is still busy with the write cycle, then a NACK will
be returned. If a NACK is returned, then the Start
condition and device address byte must be resent. If the
cycle is complete, then the device will return the ACK
and the host can then proceed with the next read or write
operation. See Figure 6-4 for flow diagram.
FIGURE 6-4:
ACKNOWLEDGE
POLLING FLOW
6.6
Write Protection
The 24CSM01 can be set in two different Write
Protection modes. The selection between the two
modes is controlled by the Configuration register
EWPM bit. When this bit is a logic ‘0’, the device is set
in Legacy Hardware Write Protection mode and when
the bit is a logic ‘1’, the device is set for Enhanced
Software Write Protection mode.
6.6.1
LEGACY HARDWARE WRITE
PROTECTION MODE
When the EWPM bit is set to logic ‘0’, the 24CSM01
utilizes a legacy hardware data protection scheme that
allows the user to write-protect the entire memory
contents when the WP pin is asserted (high). No write
protection will be set if the WP pin is deasserted (low).
6.6.1.1
Write-Protect Pin Timing
The status of the WP pin is sampled at the Stop
condition for every byte write or page write operation
prior to the start of an internally self-timed write
operation (see Figure 1-1). Changing the WP pin state
after the Stop condition has been sent will not alter or
interrupt the execution of the write cycle.
If an attempt is made to write to the device while the
WP pin has been asserted, the device will
acknowledge the device address, word address and
data bytes, but no write cycle will occur when the Stop
condition is issued and the device will immediately be
ready to accept a new read or write operation.
Note:
Polling, while operating in High-Speed
mode, is not supported on the 24CSM01.
Therefore, polling must occur while using
Fast mode plus (1 MHz) or slower clock
frequencies.
Send
Write Operation
Send Stop
Condition to
Initiate Write Cycle
Send Start
Send Device Address Byte
with R/W = 0
Did Device
Acknowledge
(ACK = 0)?
Next
Operation
No
Yes
Note:
Writing to the Security register can be
inhibited by asserting the Write-Protect
pin regardless of the state of the EWPM
bit. Writing to the Configuration register
cannot be inhibited by asserting the
Write-Protect pin.
TABLE 6-1:
LEGACY HARDWARE WRITE
PROTECTION BEHAVIOR
WP Pin
Protected Address Range
1 (high)
Full Array (00000h-1FFFFh)
0 (low)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com