Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-52000 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-52000
Description  Single-Chip Radio Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-52000 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-52000 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AMIS-52000 Single-Chip Radio Transceiver
Data Sheet
AMI Semiconductor - Confidential
3
www.amis.com
Parameter
Min
Typ
Max
Units
Comments
Frequency Range
260
433.92
700
MHz
Modulation
ASK/OOK
Amplitude shift key
on/off shift key
Modulation Frequency
1.2
19.2
KBaud
Approximate allowable
data rates
Max Output Power
5
6
7
dBm
Over entire operating
temperature and
voltage range
On/Off Ratio
60
dB
VCO Gain, Kvco
75
MHz/V
PLL Phase Noise
-97
dBc/Hz
10kHz offset,
200kHz loop bandwidth
-97
dBc/Hz
100kHz offset,
50kHz loop bandwidth
Harmonics
-35
dBc
With typical matching
circuits at 433.92MHz
Reference Frequency
8.125
13.56
22.5
MHz
10 PPM Xtal
Crystal Frequency Spurs
-50
dBc
200kHz PLL loop bandwidth
TR Delay
1
ms
Transmit to receive delay
Table 6: Electrical Characteristics
Analog TX
Parameter
Min
Typ
Max
Units
Comments
Frequency Range
260
433.92
700
MHz
Modulation
ASK/OOK
Amplitude shift key
on/off shift key
Input Sensitivity
-103
dBm
10-3 BER, 1.2kbps
RF Detect Time
100
µs
Sniff Mode operation only
TR Delay
1
ms
Receiver to transmit delay
Table 7: Electrical Characteristics
Analog RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com