Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-52000 Datasheet(PDF) 7 Page - AMI SEMICONDUCTOR

Part # AMIS-52000
Description  Single-Chip Radio Transceiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-52000 Datasheet(HTML) 7 Page - AMI SEMICONDUCTOR

Back Button AMIS-52000 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 9Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 10Page - AMI SEMICONDUCTOR AMIS-52000 Datasheet HTML 11Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AMIS-52000 Single-Chip Radio Transceiver
Data Sheet
AMI Semiconductor - Confidential
7
www.amis.com
Register
BIT
Bit Name
Bit State
Comments
Register
7
CLKOUT
0
CLKOUT is enabled
0x05
Enable
1
CLKOUT is disabled
Register
4 & 5
CLKOUT
00
Automatic control
0x08
Output
01
RC oscillator is output
Select
10
Xtal oscillator is output
11
CLKOUT output is off
Register
0 & 1
CLKOUT
00
Divide crystal by 4
0x0F
Frequency
01
Divide crystal by 3
Select
10
Divide crystal by 2
11
Divide crystal by 1
VDD, Supply Voltage
The VDD pin is the supply voltage for the AMIS-52000
circuits other than the RF output. It is typically 3.0V DC.
Please refer to section “Operating and Maximum
Specifications” of this specification for operating conditions.
GND, Analog/Digital Ground
The GND pin is a ground connection for all non-RF circuitry.
RFGND, RF Ground
The RFGND pin is a ground connection for all the internal RF
circuitry.
X1, X2, Crystal Oscillator
X1 and X2 connect a parallel resonance oscillator crystal and
capacitors to the AMIS-52000. The AMIS-52000 is designed
with an internal trim function that is controlled by writing to
the AMIS-52000 registers.
LPFILT, Loop Filter
The LPFILT pin connects the AMIS-52000 internal PLL
comparator to the external loop filter. The filter is required
to allow the internal PLL to lock to the crystal frequency
while producing the desired RF frequency. A simple second
order RC loop filter is typically sufficient for this purpose.
VCO1, VCO2, Voltage Controlled Oscillator Tune
The VCO1 and VCO2 pins connect a parallel capacitor
and inductor to the AMIS-52000 internal VCO (Voltage
Controlled Oscillator). The LC circuit tunes the VCO
frequency. The frequency of the VCO is twice the desired
TX or RX frequency and the range of the VCO is 520MHz to
1400MHz.
CLKOUT, Internal Clock Output
The CLKOUT pin output is either the internal RC oscillator,
the crystal oscillator, or a divided version of the crystal
oscillator.
CREF, Current Reference Bias
The CREF pin requires a resistor to ground to set the
bandgap BIAS CURRENT. IT IS CRITICAL THAT THE
RESISTOR BE 33.2K OHMS, 1% or better tolerance.
R(Bias) = 33.2 KΩ (1%)
I
2
CDATA, I
2
CCLK, I
2
C Control Interface Bus
The AMIS-52000 implements an I
2
C serial 8 bit bi-directional
interface with the pins I
2
CDATA and I
2
CCLK. The I
2
C bus
handshaking and protocol is implemented for a SLAVE
device. Because only a minimal configuration is supported,
clock stretching for slow peripherals, general call
addressing, and ten-bit extended addressing are not
implemented. The interface will support either normal (0 -
100 Kbits/second) or fast (0 - 400 Kbits/second) data
modes. The interface conforms to the Phillips specification
for the I
2
C bus.
Reg
Name
Register Function
0x03
TX Crystal Trim
Changing the value of
this changes the crystal frequency
0x04
RX Crystal Trim
Changing the value of
this changes the crystal frequency
NOTE:
The value of the external crystal load capacitors should be slightly
lower than for a typical crystal to allow for capacitor loading in the
trim function.
Table 12: Crystal Divider Control
Table 13: Crystal Divider Control TX/RX Pin Definition Control (Registers 0x05 and 0x08)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com