Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EPR-32 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # EPR-32
Description  Engineering Prototype Report for EP-32 TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-32 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  EPR-32 Datasheet HTML 1Page - Power Integrations, Inc. EPR-32 Datasheet HTML 2Page - Power Integrations, Inc. EPR-32 Datasheet HTML 3Page - Power Integrations, Inc. EPR-32 Datasheet HTML 4Page - Power Integrations, Inc. EPR-32 Datasheet HTML 5Page - Power Integrations, Inc. EPR-32 Datasheet HTML 6Page - Power Integrations, Inc. EPR-32 Datasheet HTML 7Page - Power Integrations, Inc. EPR-32 Datasheet HTML 8Page - Power Integrations, Inc. EPR-32 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
EPR-32 - 25 W Multiple Output TOP245P Supply
13-Jul-06
Page 2 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Table Of Contents
1
Introduction.................................................................................................................3
2
Power Supply Specification ........................................................................................4
3
Schematic...................................................................................................................5
4
Circuit Description ......................................................................................................6
4.1
Input EMI Filtering ...............................................................................................6
4.2
TOPSwitch-GX
Primary.......................................................................................6
4.3
Output Rectification .............................................................................................7
4.4
Output Feedback and Control .............................................................................7
4.5
Secondary 3.3 V and 5 V Shunt Regulator..........................................................8
5
PCB Layout ................................................................................................................9
6
Bill Of Materials ........................................................................................................10
7
Transformer Specification.........................................................................................12
7.1
Electrical Diagram .............................................................................................12
7.2
Electrical Specifications.....................................................................................12
7.3
Materials............................................................................................................13
7.4
Transformer Build Diagram ...............................................................................13
7.5
Transformer Winding Construction....................................................................14
7.6
Bobbin Drawing .................................................................................................15
8
Transformer Spreadsheet.........................................................................................16
9
Performance Data ....................................................................................................18
9.1
Efficiency ...........................................................................................................18
9.2
No-load Input Power..........................................................................................19
9.3
Regulation .........................................................................................................20
10
Thermal Performance ...........................................................................................21
11
Waveforms............................................................................................................22
11.1 Drain Voltage and Current Waveforms..............................................................22
11.2 Output Voltage Start-up Profile..........................................................................23
11.3 Load Transient Response .................................................................................23
11.4 Output Ripple Measurements............................................................................25
11.4.1
Ripple Measurement Technique ................................................................25
11.4.2
Measurement Results ................................................................................26
12
Control Loop Gain/Phase Measurements .............................................................27
12.1 115 VAC Maximum Load...................................................................................27
12.2 115 VAC 50% Load...........................................................................................27
12.3 115 VAC Minimum Load....................................................................................28
12.4 230 VAC Maximum Load...................................................................................28
12.5 230 VAC 50% Load...........................................................................................29
12.6 230 VAC Minimum Load....................................................................................29
13
Conducted EMI .....................................................................................................30
14
Revision History ....................................................................................................32
Important Note:
Although this board is designed to satisfy safety isolation requirements, the engineering
prototype has not been agency approved. Therefore, all testing should be performed
using an isolation transformer to provide the AC input to the prototype board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com