Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EPR-32 Datasheet(PDF) 21 Page - Power Integrations, Inc.

Part # EPR-32
Description  Engineering Prototype Report for EP-32 − TOPSwitch-GX 25 W Multiple Output DVD, Set-top Box Power Supply Using TOP245P
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

EPR-32 Datasheet(HTML) 21 Page - Power Integrations, Inc.

Back Button EPR-32 Datasheet HTML 17Page - Power Integrations, Inc. EPR-32 Datasheet HTML 18Page - Power Integrations, Inc. EPR-32 Datasheet HTML 19Page - Power Integrations, Inc. EPR-32 Datasheet HTML 20Page - Power Integrations, Inc. EPR-32 Datasheet HTML 21Page - Power Integrations, Inc. EPR-32 Datasheet HTML 22Page - Power Integrations, Inc. EPR-32 Datasheet HTML 23Page - Power Integrations, Inc. EPR-32 Datasheet HTML 24Page - Power Integrations, Inc. EPR-32 Datasheet HTML 25Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
13-Jul-06
EPR-32 - 25 W Multiple Output TOP245P Supply
Page 21 of 36
Power Integrations
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
10 Thermal Performance
The temperature of key components was measured at the maximum specified ambient of
50
°C. In addition to checking for hotspots, an infrared thermograph was taken at room
ambient (as this is output as a color profile, please use the color version of this
document, available at www.powerint.com/epr.htm, to review the temperatures).
Temperature (
°C)
Item
90
VAC
115
VAC
230
VAC
Ambient
51
51.4
51
Common Mode (L1)
90
82
67
Transformer (T1)
85
79
83
TOPSwitch-GX (U1)
102
93
80
5 V Rectifier (D11)
112
112
113
3.3 V Rectifier (D10)
107
99
98
Table 4
− Temperature of Key Components, 50 °C Ambient.
Figure 11 –
Infrared Thermograph (with silk screen overlaid) of EP-32, 90 VAC Input, 20 W Load
(5 V at 2 A, 3.3 V at 2 A, 12 V at 0.28 A, -24 V at 0 A), 23 °C Ambient.
In order to make the thermograph representative of the actual component temperatures,
the entire board was spray painted black to give a uniform emissivity value.
The thermograph shows the hottest parts to be the input thermistor RT1, TOP245P, VR1,
R1 in the clamp, and D11, the 5 V output diode. The highest temperature measured was
80 °C on R1, however, all components would remain acceptably less than 110 °C in an
ambient of 50 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com