Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RAR4 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A19360LUBATN-RAR4
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RAR4 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A19360LUBATN-RAR4 Datasheet HTML 4Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 5Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 6Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 7Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 8Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 9Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 10Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 11Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
8
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
FUNCTIONAL DESCRIPTION
Figure 8: Package Orientation
Bx
Bz
By
Pin 1
Figure 9: Sensing Orientation
Rotation
Pin 1
The A19360 sensor IC contains a single-chip GMR circuit that
uses spaced elements. These elements are used in differential pairs
to provide electrical signals containing data regarding edge posi-
tion and direction of rotation. The A19360 is intended for use with
ring-magnet targets, as shown in Figure 9. The IC detects the peaks
of the magnetic signals and sets dynamic thresholds based on these
detected signals.
The A19360 is compatible with a wide range of ring-magnet tar-
gets, according to the supported phase-separation range. For each
target and air gap, the channel-to-channel phase separation can be
calculated using:
360
2�
Ф
P =
×
1.085 mm × N
PP
r
target + dAG
where ΦP is the channel-to-channel phase separation, NPP is the
number of pole-pairs the target has, rtarget is the target radius in
mm, and dAG is the nominal air gap for radial sensed targets in
mm or unused for axial sensed targets.
Each A19360 is trimmed to a specific target encoder, which is
indicated by the “Target Trim” in the selection guide. Correct
trimming is required for accurate output data and performance,
including output event phase accuracy, direction detection, and
vibration detection.
Phase-Separation Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com