Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RAR4 Datasheet(PDF) 17 Page - Allegro MicroSystems

Part # A19360LUBATN-RAR4
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RAR4 Datasheet(HTML) 17 Page - Allegro MicroSystems

Back Button A19360LUBATN-RAR4 Datasheet HTML 10Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 11Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 12Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 13Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 14Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 15Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 16Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 17Page - Allegro MicroSystems A19360LUBATN-RAR4 Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
17
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 22: Package UB, 2-Pin SIP
PACKAGE OUTLINE DRAWING
For Reference Only –Not for Tooling Use
(Reference DWG-0000408, Rev. 4)
Dimensions in millimeters – NOT TO SCALE
Exact case and lead configuration at supplier discretion within limits shown
0.65 ±0.07
7° ×2
R0.20 (all edges)
4.00 +0.06
–0.05
10° ×4
1.50 ±0.05
Active Area Depth
0.38 ±0.03
4.00 +0.06
–0.07
Package Front and Rear
Surface Finish
Ra 0.4 to 0.56
(Charmilles 12 to 15)
18.00 ±0.10
45°
0.42 ±0.05
R0.20 (all corners)
0.30 REF
2.54 REF
1.80 ±0.10
1.00 ±0.05
0.25 +0.07
–0.03
Plating Included
R0.12
(all edges)
1.50 ±0.05
0.38 REF
0.85 ±0.05
1.00 REF ×2
Ejector Pin
R0.30 (all corners)
0.25 REF
3.35 ±0.10
7.37 REF ×4
2.00 REF
Ejector Pin
0.25 REF
0.10 +0.05
–0.10
DETAIL A
0.545 REF ×2
1.36 REF
0.15 REF
0.25 REF ×4
2.50 ±0.10 ×4
12.20 ±0.10
0.85 REF ×8
1.80 +0.06
–0.07
4.00 +0.06
–0.05
DETAIL A
Molded Lead Bar for preventing
damage to leads during shipment
Gate and tie burr area
Dambar Protrusion
Removal ×8
1.085
1.41
GMR Element E2
(not to scale)
GMR Element E3
(not to scale)
Line 1 = Part Number (5 characters)
Line 2 = Date Code (4 digits)
Line 3 = Characters 5-8 of
Assembly Lot Number
Branding scale and appearance at supplier discretion
Standard Branding Reference View
Date Code
Lot Number
9360A
GMR Element E4
(not to scale)
GMR Element E1
(not to scale)
1.085
0.415



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com