Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RAR8 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A19360LUBATN-RAR8
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RAR8 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A19360LUBATN-RAR8 Datasheet HTML 1Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 2Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 3Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 4Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 5Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 6Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 7Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 8Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
5
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS (continued): Valid throughout full operating voltage and temperature ranges, unless
otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
INPUT CHARACTERISTICS AND PERFORMANCE
Operating Single-Ended Magnetic
Input Signal [7]
BSE
Combined single-element signal and offset
must fall within this range.
–100
–
100
G
Operating Differential Magnetic Input
Signal [7]
BDIFF(pk-pk)
Peak-to-peak of differential magnetic input
(refer to Figure 7)
5
–
400
G
Allowable User-Induced Differential
Offset
BDIFFEXT
External differential signal bias (DC), operating
within specification
–20
–
20
G
Operating Magnetic Input Signal
Variation
ΔBDIFF(pk-pk)
Bounded amplitude ratio within TWINDOW [8]; no
missed output transitions or flat-line condition;
possible incorrect direction data; see Figure 5
and Figure 6
0.6
–
–
–
Operating Magnetic Input Signal
Window
TWINDOW
Rolling window where ΔBDIFF(pk-pk) cannot exceed
bounded ratio; see Figure 5 and Figure 6
5
–
–
TCYCLE
Operate Point
BOP
% of peak-to-peak IC-processed signal
–
60
–
%
Release Point
BRP
% of peak-to-peak IC-processed signal
–
40
–
%
Repeatability [9]
ErrθE
Constant air gap, temperature, and target speed.
BDIFF(pk-pk) > 20 G(pk-pk). Primary pulses, percent
of a TCYCLE one sigma
–
–
0.05
%
Constant air gap, temperature, and target speed.
BDIFF(pk-pk) > 20 G(pk-pk). High-resolution pulses,
one sigma
–
–
0.085
%
Phase Separation
ΦP
For calculations, refer to the Phase Separation
Calculation section
30
–
150
degrees
OUTPUT CHARACTERISTICS (-XPX8 VARIANT)
Pulse-Width Off Time
tW(PRE)
Enforced signal-low duration
25
30
36
μs
Forward Pulse Width
tW(FWD)
Magnetic input frequency < fL,PW
38
45
52
μs
Reverse Pulse Width
tW(REV)
Magnetic input frequency < fL,PW
76
90
104
μs
High-Speed Pulse Width
tW(HS)
Magnetic input frequency > fH,PW
25
30
36
μs
Standstill Pulse Width
tW(STILL)
1232
1440
1656
μs
Standstill Period
tSTOP
590
737
848
ms
Low-to-High Speed Threshold
fH,PW
Frequency at which device transitions to high-
speed operation (increasing frequency)
850
1000
1150
Hz
High-to-Low Speed Threshold
fL,PW
Frequency at which device transitions to low-
speed operation (decreasing frequency)
800
950
1100
Hz
Speed Threshold Hysteresis
fHYS,PW
–
50
–
Hz
Operating Frequency, High-Speed
Pulses [10]
fHS
0
–
4
kHz
[7]
Differential magnetic field measured for Channel A (E1 – E3) and Channel B (E2 – E4). The differential magnetic field of each channel is measured between two GMR elements spaced
by 1.5 mm. Magnetic field is measured in the By direction and the |Bx| field must be less than 80 G (refer to Figure 8).
[8]
Symmetrical signal variation is defined as the largest amplitude ratio from Bn to Bn + TWINDOW. Signal variation may occur continuously while BDIFF remains in the operating magnetic
range.
[9]
Greater than 1000 output edges captured. Repeatability (i.e., jitter) is tested to 1 sigma and guaranteed by design and characterization only.
[10]
Frequency is based on BDIFF frequency.
Continued on the next page…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com