Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RAR8 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A19360LUBATN-RAR8
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RAR8 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A19360LUBATN-RAR8 Datasheet HTML 2Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 3Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 4Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 5Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 6Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 7Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 8Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 9Page - Allegro MicroSystems A19360LUBATN-RAR8 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
6
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
OPERATING CHARACTERISTICS (continued): Valid throughout full operating voltage and temperature ranges, unless
otherwise specified
[11]
Ring magnet decreases in magnetic strength with rising temperature, and the device compensates. Note that the BDIFF(pk-pk) requirement is not influenced by this.
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
OUTPUT CHARACTERISTICS (-XPX4 VARIANT)
Pulse-Width Off Time
tW(PRE)
Enforced signal-low duration
25
30
36
μs
Forward Pulse Width
tW(FWD)
38
45
52
μs
Reverse Pulse Width
tW(REV)
76
90
104
μs
Standstill Pulse Width
tW(STILL)
1232
1440
1656
μs
Standstill Period
tSTOP
590
737
848
ms
Operating Frequency, Forward
Pulses [10]
fFWD
0
–
3.3
kHz
Operating Frequency, Reverse
Pulses [10]
fREV
0
–
2.2
kHz
OUTPUT CHARACTERISTICS (-XAX8 VARIANT)
Bit Width
tp
40
50
60
μs
Standstill Period
tSTOP
105
150
195
ms
Post-Standstill Suppression Delay
tPSSD
High-resolution pulse delay when truncating a
standstill pulse
300
400
–
μs
Pulse-Width Off Time
tW(PRE)
–
75
–
μs
Low-to-High Speed Threshold
fH,AK
Frequency at which device transitions to high-
speed operation (increasing frequency)
170
200
230
Hz
High-to-Low Speed Threshold
fL,AK
Frequency at which device transitions to low-
speed operation (decreasing frequency)
160
190
220
Hz
Speed Threshold Hysteresis
fHYS,AK
–
10
–
Hz
Air-Gap Reserve Level
BLR
Signal amplitude that engages AK LR bit
–
5
–
G
Operating Frequency [10]
fSIG
0
–
4
kHz
OUTPUT CHARACTERISTICS (-XAX4 VARIANT)
Bit Width
tp
40
50
60
μs
Standstill Period
tSTOP
105
150
195
ms
Pulse-Width Off Time
tW(PRE)
–
75
–
μs
Air-Gap Reserve Level
BLR
Signal amplitude that engages AK LR bit
–
5
–
G
Operating Frequency [10]
fSIG
0
–
2.5
kHz
THERMAL CHARACTERISTICS
Magnetic Temperature Coefficient [11]
TC
Based on ferrite
–
0.2
–
%/°C
Package Thermal Resistance
RθJA
Single-layer PCB with copper limited to solder
pads
–
213
–
°C/W
PERFORMANCE CHARACTERISTICS
Vibration Detection
NVIB_CHANGE
Number of direction changes until vibration is
detected
–
4
–
–
Vibration Release
TVIB_CONST
Number of
consecutive constant-
direction pulses to
release vibration count
and suppression
-xxx8 variant
–
8
–
–
-xxx4 variant
–
4
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com