Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA4566 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA4566
Description  Colour transient improvement circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4566 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA4566 Datasheet HTML 3Page - NXP Semiconductors TDA4566 Datasheet HTML 4Page - NXP Semiconductors TDA4566 Datasheet HTML 5Page - NXP Semiconductors TDA4566 Datasheet HTML 6Page - NXP Semiconductors TDA4566 Datasheet HTML 7Page - NXP Semiconductors TDA4566 Datasheet HTML 8Page - NXP Semiconductors TDA4566 Datasheet HTML 9Page - NXP Semiconductors TDA4566 Datasheet HTML 10Page - NXP Semiconductors TDA4566 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
March 1991
7
Philips Semiconductors
Preliminary specification
Colour transient improvement circuit
TDA4566
Y-signal path
Y-input voltage
(composite signal)
capacitive
(peak-to-peak value)
coupling
V17(p-p)
−
0.45
0.62
V
Internal bias voltage
during clamping
V17-18
2.1
2.4
2.7
V
Input current
during picture content
I17
−
812
µA
during sync. pulse
−I
17
−
100
150
µA
Y-signal delay at pin 12
S1 open;
R14 = 1.2 kΩ;
notes 3 and 4
at V15−18 = 0 to 2.5 V
t17-18
490
550
610
ns
at V15-18 = 3.5 to 5.5 V
t17-18
580
640
700
ns
at V15−18 = 6.5 to 8.5 V
t17-18
670
730
790
ns
at V15-18 = 9.5 to12 V
t17-18
760
820
880
ns
Fine adjustment of Y-signal
delay for all 4 steps
S1 closed
t17-12
−
37
−
ns
Signal delay between pin 11
and pin 12
S1 open
t11-12
160
180
200
ns
Dependency of delay time
on temperature
−
0.001
−
K−1
on supply voltage
−−0.03
−
V−1
Input switching current
−I15
−
15
25
µA
Y-signal attenuation
f = 0.5 MHz
pin 11 from pin 17
V11/V17
−10
+1dB
pin 12 from pin 17
V12/V17
0
+1
+2dB
Frequency response at
3 MHz referred to 0.5 MHz
note 5
pin 11
0
−
3.0
dB
pin 12
0
−
3.0
dB
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
t
17
12
–
∆
t
17
12
–
T
j
∆
•
------------------------------
t
17
12
–
∆
t
17
12
–
V
∆
•
-----------------------------
P
V
11 (3 MHz)
V
11 (0.5 MHz)
-------------------------------------
V
12 (3 MHz)
V
12 (0.5 MHz)
-------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com