Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA4566 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA4566
Description  Colour transient improvement circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4566 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA4566 Datasheet HTML 1Page - NXP Semiconductors TDA4566 Datasheet HTML 2Page - NXP Semiconductors TDA4566 Datasheet HTML 3Page - NXP Semiconductors TDA4566 Datasheet HTML 4Page - NXP Semiconductors TDA4566 Datasheet HTML 5Page - NXP Semiconductors TDA4566 Datasheet HTML 6Page - NXP Semiconductors TDA4566 Datasheet HTML 7Page - NXP Semiconductors TDA4566 Datasheet HTML 8Page - NXP Semiconductors TDA4566 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
March 1991
2
Philips Semiconductors
Preliminary specification
Colour transient improvement circuit
TDA4566
GENERAL DESCRIPTION
The TDA4566 is a monolithic integrated circuit for colour-transient improvement (CTI) and luminance delay line in gyrator
technique in colour television receivers.
Features
• Colour transient improvement for colour difference signals (R-Y) and (B-Y) with transient detecting-, storage- and
switching stages resulting in high transients of colour difference output signals
• A luminance signal path (Y) which substitutes the conventional Y-delay coil with an integrated Y-delay line
• Switchable delay time from 550 ns to 820 ns in steps of 90 ns and additional fine adjustment of 37 ns
• Two Y output signals; one of 180 ns less delay
QUICK REFERENCE DATA
Note
1. Delay time is proportional to resistor R14-18.
R14-18 also influences the bandwidth; a value of 1.2 kΩ results in a bandwidth of 5 MHz (typ.).
PACKAGE OUTLINE
18-lead DIL; plastic (SOT102); SOT102-1; 1996 November 27.
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage (pin 10)
VP
10.8
12
13.2
V
Supply current (pin 10)
IP
−
35
50
mA
Y-signal delay at pin 12
S1 open;
R14-18 = 1.2 kΩ;
note 1
V15-18 = 0 to 2.5 V
t17-12
490
550
610
ns
V15-18 = 3.5 to 5.5 V
t17-12
580
640
700
ns
V15-18 = 6.5 to 8.5 V
t17-12
670
730
790
ns
V15-18 = 9.5 to12 V
t17-12
760
820
880
ns
Y-signal amplification
0.5 MHz
α
Y
01
2
dB
(R-Y) and (B-Y) signal
attenuation
α
cd
−10
+1dB
output transient time
ttr
−
100
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com