Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ESDAXXSCX Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDAXXSCX
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXXSCX Datasheet(HTML) 2 Page - STMicroelectronics

  ESDAXXSCX Datasheet HTML 1Page - STMicroelectronics ESDAXXSCX Datasheet HTML 2Page - STMicroelectronics ESDAXXSCX Datasheet HTML 3Page - STMicroelectronics ESDAXXSCX Datasheet HTML 4Page - STMicroelectronics ESDAXXSCX Datasheet HTML 5Page - STMicroelectronics ESDAXXSCX Datasheet HTML 6Page - STMicroelectronics ESDAXXSCX Datasheet HTML 7Page - STMicroelectronics ESDAXXSCX Datasheet HTML 8Page - STMicroelectronics ESDAXXSCX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ESDAxxSCx
2/10
Table 2: Absolute Ratings (Tamb = 25°C)
Table 3: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge
MIL STD 883E - Method 3015-7
IEC61000-4-2 air discharge
IEC61000-4-2 contact discharge
25
kV
PPP
Peak pulse power (8/20µs)
ESDA5V3SCx
ESDA6V1SCx
500
400
W
ESDA14V2SCx
ESDA17SC6
ESDA19SC6
ESDA25SC6
300
W
Tj
Junction temperature
150
°C
Tstg
Storage temperature range
-55 to +150
°C
TL
Maximum lead temperature for soldering during 10 s at 5mm for
case
260
°C
Top
Operating temperature range
-40 to +125
°C
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
C
Capacitance
Rd
Dynamic resistance
Types
VBR @
IR
IRM @ VRM
Rd
αTC
VF @ IF
min.
max.
max.
typ.
max.
typ.
max.
note 1
note 2 0V bias
V
V
mA
mA
V
m
Ω
10-4/°C
pF
V
mA
ESDA5V3SC5
ESDA5V3SC6
5.3
5.9
1
2
3
230
5
280
1.25
200
ESDA6V1SC5
ESDA6V1SC6
6.1
7.2
1
20
5.25
350
6
190
1.25
200
ESDA14V2SC5
ESDA14V2SC6
14.2
15.8
1
5
12
650
10
100
1.25
200
ESDA17SC6
ESDA19SC6
17
19
19
21
1
1
0.075
0.1
14
15
700
800
10
8.5
85
80
1.2
1.2
10
10
ESDA25SC6
25
30
1
1
24
1000
10
60
1.2
10
Note 1: Square pulse, IPP = 15A, tp=2.5µs.
Note 2:
∆ VBR = αT* (Tamb -25°C) * VBR (25°C).
I
IF
V F
VBR
VRM
I PP
I RM
V
Rd
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com