Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ESDAXXSCX Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDAXXSCX
Description  QUAD TRANSIL??ARRAY FOR ESD PROTECTION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAXXSCX Datasheet(HTML) 4 Page - STMicroelectronics

  ESDAXXSCX Datasheet HTML 1Page - STMicroelectronics ESDAXXSCX Datasheet HTML 2Page - STMicroelectronics ESDAXXSCX Datasheet HTML 3Page - STMicroelectronics ESDAXXSCX Datasheet HTML 4Page - STMicroelectronics ESDAXXSCX Datasheet HTML 5Page - STMicroelectronics ESDAXXSCX Datasheet HTML 6Page - STMicroelectronics ESDAXXSCX Datasheet HTML 7Page - STMicroelectronics ESDAXXSCX Datasheet HTML 8Page - STMicroelectronics ESDAXXSCX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ESDAxxSCx
4/10
3. ESD PROTECTION BY ESDAxxSCx
Electrostatic discharge (ESD) is a major cause of failure in electronic systems.
Transient Voltage Suppressors (TVS) are an ideal choice for ESD protection. They are capable of
clamping the incoming transient overvoltage to a low enough level such that damage to the protected
semiconductor is prevented.
Surface mount TVS arrays offer the best choice for minimal lead inductance.
They serve as parallel protection elements, connected between the signal line and ground. As the
transient rises above the operating voltage of the device, the TVS array becomes a low impedance path
diverting the transient current to ground.
Figure 6: Clamping voltage versus peak pulse
current (Tj initial = 25 °C).
Rectangular waveform (tp = 2.5 ms)
Figure 7: Capacitance versus reverse applied
voltage (typical values)
Figure 8: Relative variation of leakage current
versus junction temperature (typical values)
Figure 9: Peak forward voltage drop versus
peak forward current (typical values)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
0.1
1.0
10.0
50.0
tp=2.5µs
ESDA5V3SC5/SC6
ESDA6V1SC5/SC6
ESDA14V2SC5/SC6
ESDA25SC6
ESDA17SC6
ESDA19SC6
V
(V)
CL
I
(A)
PP
12
5
10
20
50
10
100
500
ESDA6V1SC5/SC6
ESDA14V2SC5/SC6
ESDA5V3SC5/SC6
ESDA25SC6
ESDA19SC6
ESDA17SC6
V (V)
R
C(pF)
F=1MHz
V
=30mV
OSC
RMS
25
50
75
100
125
1
10
100
500
ESDA14V2SC5/SC6
&
ESDA6V1SC5/SC6
ESDA5V3SC5/SC6
ESDA25SC6
ESDA17SC6
&
ESDA19SC6
T (°C)
j
I [T ] / I [T =25°C]
Rj
Rj
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.01
0.10
1.00
5.00
ESDA25SC6
ESDA17SC6
ESDA5V3SC5/SC6
ESDA14V2SC5/SC6
&
ESDA6V1SC5/SC6
ESDA19SC6
I
(A)
FM
V
(V)
FM
T = 25°C
j



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com