Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLVD111 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLVD111
Description  Programmable low voltage 1:10 differential LVDS clock driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD111 Datasheet(HTML) 1 Page - STMicroelectronics

  STLVD111_07 Datasheet HTML 1Page - STMicroelectronics STLVD111_07 Datasheet HTML 2Page - STMicroelectronics STLVD111_07 Datasheet HTML 3Page - STMicroelectronics STLVD111_07 Datasheet HTML 4Page - STMicroelectronics STLVD111_07 Datasheet HTML 5Page - STMicroelectronics STLVD111_07 Datasheet HTML 6Page - STMicroelectronics STLVD111_07 Datasheet HTML 7Page - STMicroelectronics STLVD111_07 Datasheet HTML 8Page - STMicroelectronics STLVD111_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
May 2007
Rev. 8
1/19
19
STLVD111
Programmable low voltage
1:10 differential LVDS clock driver
Features
■ 100ps part-to part skew
■ 50ps bank skew
■ Differential design
■ Meets LVDS spec. for driver outputs and
receiver inputs
■ Reference voltage available output VBB
■ Low voltage VCC range of 2.375V to 2.625V
■ High signalling rate capability (exceeds
622MHz)
■ Support open, short and terminated input fail-
safe (low output state)
■ Programmable drivers power off control
Description
The STLVD111 is a low skew programmable 1 to
10 differential LVDS driver, designed for clock
distribution. The select signal is fanned out to 10
identical differential outputs.
The STLVD111 is provided with a 11 bit shift
register with a serial in and a Control Register.
The purpose is to enable or power off each output
clock channel and to select the clock input. The
STLVD111 is specifically designed, modelled and
produced with low skew as the key goal. Optimal
design and layout serve to minimize gate to gate
skew within a device. The net result is a
dependable guaranteed low skew device.
The STLVD111 can be used for high performance
clock distribution in 2.5V systems with LVDS
levels. Designers can take advantage of the
device’s performance to distribute low skew
clocks across the backplane or the board.
TQFP32
www.st.com
Order codes
Part number
Temperature
range
Package
Packaging
STLVD111BFR
-40 to 85 °C
TQFP32 (Tape & Reel)
2400 parts per reel


Similar Part No. - STLVD111_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111BF STMICROELECTRONICS-STLVD111BF Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
STLVD111BFR STMICROELECTRONICS-STLVD111BFR Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
More results

Similar Description - STLVD111_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK111 PHILIPS-PCK111 Datasheet
65Kb / 8P
Low voltage 1:10 differential PECL clock driver
2001 Sep 07
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Dec-2002
logo
Texas Instruments
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Semtech Corporation
SK2111 SEMTECH-SK2111 Datasheet
400Kb / 6P
1:10 DIFFERENTIAL LVDS CLOCK DRIVER
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Texas Instruments
CDCLVD110A TI-CDCLVD110A Datasheet
192Kb / 12P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670 AD-ADN4670 Datasheet
170Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. 0
ADN4670BSTZ AD-ADN4670BSTZ Datasheet
241Kb / 12P
Programmable Low Voltage 1:10 LVDS Clock Driver
REV. A
logo
Texas Instruments
CDCLVD110AVF TI-CDCLVD110AVF Datasheet
853Kb / 18P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
CDCLVD110 TI1-CDCLVD110_12 Datasheet
519Kb / 13P
PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com