Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLVD111 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLVD111
Description  Programmable low voltage 1:10 differential LVDS clock driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD111 Datasheet(HTML) 5 Page - STMicroelectronics

  STLVD111_07 Datasheet HTML 1Page - STMicroelectronics STLVD111_07 Datasheet HTML 2Page - STMicroelectronics STLVD111_07 Datasheet HTML 3Page - STMicroelectronics STLVD111_07 Datasheet HTML 4Page - STMicroelectronics STLVD111_07 Datasheet HTML 5Page - STMicroelectronics STLVD111_07 Datasheet HTML 6Page - STMicroelectronics STLVD111_07 Datasheet HTML 7Page - STMicroelectronics STLVD111_07 Datasheet HTML 8Page - STMicroelectronics STLVD111_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STLVD111
Maximum ratings
5/19
2
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 2.8
V
VI
Input voltage
-0.2 to (VCC+0.2)
V
VO
Output voltage
-0.2 to (VCC+0.2)
V
IOSD
Driver short circuit current
Continuous
ESD
Electrostatic discharge (HBM 1.5K
Ω, 100pF)
>2
KV
Table 3.
Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply voltage
2.375
2.625
V
VIC
Receiver common mode input voltage
0.5(VID)
2-0.5(VID)V
TA
Operating free-air temperature range
-40
85
°C
TJ
Operating junction temperature
-40
105
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
13
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com