Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SE555 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SE555
Description  General purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SE555 Datasheet(HTML) 1 Page - STMicroelectronics

  SE555 Datasheet HTML 1Page - STMicroelectronics SE555 Datasheet HTML 2Page - STMicroelectronics SE555 Datasheet HTML 3Page - STMicroelectronics SE555 Datasheet HTML 4Page - STMicroelectronics SE555 Datasheet HTML 5Page - STMicroelectronics SE555 Datasheet HTML 6Page - STMicroelectronics SE555 Datasheet HTML 7Page - STMicroelectronics SE555 Datasheet HTML 8Page - STMicroelectronics SE555 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
March 2007
Rev 4
1/20
20
NE555
SA555 - SE555
General purpose single bipolar timers
Features
Low turn off time
Maximum operating frequency greater than
500kHz
Timing from microseconds to hours
Operates in both astable and monostable
modes
High output current can source or sink 200mA
Adjustable duty cycle
TTL compatible
Temperature stability of 0.005% per °C
Description
The NE555 monolithic timing circuit is a highly
stable controller capable of producing accurate
time delays or oscillation. In the time delay mode
of operation, the time is precisely controlled by
one external resistor and capacitor. For a stable
operation as an oscillator, the free running
frequency and the duty cycle are both accurately
controlled with two external resistors and one
capacitor.
The circuit may be triggered and reset on falling
waveforms, and the output structure can source
or sink up to 200mA.
N
DIP8
(Plastic package)
D
SO8
(Plastic micropackage)
1
2
3
45
6
7
8
1 - GND
2 - Trigger
3 - Output
4 - Reset
5 - Control voltage
6 - Threshold
7 - Discharge
8 - VCC
Pin connections
(top view)
www.st.com


Similar Part No. - SE555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE555 PHILIPS-SE555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
NEC
SE555 NEC-SE555 Datasheet
26Kb / 1P
PRECISION TIMERS
logo
Texas Instruments
SE555 TI-SE555 Datasheet
227Kb / 15P
PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
SE555 TI-SE555 Datasheet
559Kb / 27P
PRECISION TIMERS
logo
STMicroelectronics
SE555 STMICROELECTRONICS-SE555 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
Apr-1995
More results

Similar Description - SE555

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
GENERAL PURPOSE DUAL BIPOLAR TIMERS
Jun-2003
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555_06 Datasheet
287Kb / 12P
General Purpose Timers
August 24, 2006
logo
STMicroelectronics
NE555 STMICROELECTRONICS-NE555_95 Datasheet
142Kb / 10P
GENERAL PURPOSE SINGLE BIPOLAR TIMERS
Apr-1995
NE555 STMICROELECTRONICS-NE555_12 Datasheet
1Mb / 20P
General-purpose single bipolar timers
January 2012 Rev 6
NE556 STMICROELECTRONICS-NE556_09 Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
SA555DT STMICROELECTRONICS-SA555DT Datasheet
1Mb / 20P
General-purpose single bipolar timers
04-Jan-2012
NE556DT STMICROELECTRONICS-NE556DT Datasheet
517Kb / 16P
General-purpose dual bipolar timers
27-Jan-2009
logo
Intersil Corporation
ICM7555CBA INTERSIL-ICM7555CBA Datasheet
289Kb / 12P
General Purpose Timers
August 24, 2006
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
general-purpose timers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com