Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SE555 Datasheet(PDF) 14 Page - STMicroelectronics

Part # SE555
Description  General purpose single bipolar timers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SE555 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button SE555 Datasheet HTML 10Page - STMicroelectronics SE555 Datasheet HTML 11Page - STMicroelectronics SE555 Datasheet HTML 12Page - STMicroelectronics SE555 Datasheet HTML 13Page - STMicroelectronics SE555 Datasheet HTML 14Page - STMicroelectronics SE555 Datasheet HTML 15Page - STMicroelectronics SE555 Datasheet HTML 16Page - STMicroelectronics SE555 Datasheet HTML 17Page - STMicroelectronics SE555 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Application information
NE555 - SA555 - SE555
14/20
Figure 20 shows the waveforms generator by the linear ramp.
The time interval is given by:
Figure 20.
Linear ramp
4.5
50% duty cycle oscillator
For a 50% duty cycle, the resistors RA and RE can be connected as in figure 19. The time
period for the output high is the same as for astable operation (see Section 4.2 on page 10):
t1 = 0.693 RA C
For the output low it is
Thus the frequency of oscillation is:
T =
(2/3 Vcc RE (R1+R2) C
R1 Vcc - VBE (R1+R2)
---------------------------------------------------------------- VBE = 0.6V
VCC = 5V
Time:
20µs/DIV
R1 + 47kΩ
R2 = 100kΩ
RE = 2.7kΩ
C = 0.01µF
Top trace: input 3V/DIV
Middle trace: output 5V/DIV
Bottom trace: output 5V/DIV
Bottom trace: capacitor voltage 1V/DIV
t
2
[(R. RB)/(RA+RB)].C.Ln
RB
2RA
2RB
RA
---------------------------
=
f
1
t1
t2
+
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com