Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL061 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TL061
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061 Datasheet(HTML) 1 Page - STMicroelectronics

  TL061_07 Datasheet HTML 1Page - STMicroelectronics TL061_07 Datasheet HTML 2Page - STMicroelectronics TL061_07 Datasheet HTML 3Page - STMicroelectronics TL061_07 Datasheet HTML 4Page - STMicroelectronics TL061_07 Datasheet HTML 5Page - STMicroelectronics TL061_07 Datasheet HTML 6Page - STMicroelectronics TL061_07 Datasheet HTML 7Page - STMicroelectronics TL061_07 Datasheet HTML 8Page - STMicroelectronics TL061_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2007
Rev 2
1/14
14
TL061
Low power JFET single operational amplifiers
Features
Very low power consumption: 200 µA
Wide common-mode (up to VCC
+) and
differential voltage ranges
Low input bias and offset currents
Output short-circuit protection
High input impedance JFET input stage
Internal frequency compensation
Latch-up free operation
High slew rate : 3.5V/µs
Description
The TL061, TL061A and TL061B are high-speed
JFET input single operational amplifiers. Each of
these JFET input operational amplifiers
incorporates well matched, high-voltage JFET
and bipolar transistors in a monolithic integrated
circuit.
The devices feature high slew rates, low input
bias and offset currents, and low offset voltage
temperature coefficient.
N
DIP8
(Plastic package)
D
SO-8
(Plastic micropackage)
1
2
3
4
8
6
5
7
1 - Offset null 1
2 - Inverting input
3 - Non-inverting input
4 - VCC
-
5 - Offset null 2
6 - Output
7 - VCC
+
8 - N.C.
Pin connections
(top view)
www.st.com


Similar Part No. - TL061_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL061 TI-TL061_06 Datasheet
975Kb / 39P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - TL061_07

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4061 NEC-UPC4061 Datasheet
301Kb / 10P
J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
logo
STMicroelectronics
TL061 STMICROELECTRONICS-TL061 Datasheet
105Kb / 9P
LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
Oct-1997
logo
Unisonic Technologies
UTCTL062 UTC-UTCTL062 Datasheet
300Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
TL062 UTC-TL062_05 Datasheet
130Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
TL062 UTC-TL062_09 Datasheet
314Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4064 RENESAS-PC4064_15 Datasheet
262Kb / 11P
J-FET INPUT LOW-POWER QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL062 UTC-TL062_15 Datasheet
314Kb / 8P
LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL062 UMW-TL062 Datasheet
1Mb / 9P
Low power J-FET input operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com