Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TL061 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TL061
Description  LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL061 Datasheet(HTML) 4 Page - STMicroelectronics

  TL061_07 Datasheet HTML 1Page - STMicroelectronics TL061_07 Datasheet HTML 2Page - STMicroelectronics TL061_07 Datasheet HTML 3Page - STMicroelectronics TL061_07 Datasheet HTML 4Page - STMicroelectronics TL061_07 Datasheet HTML 5Page - STMicroelectronics TL061_07 Datasheet HTML 6Page - STMicroelectronics TL061_07 Datasheet HTML 7Page - STMicroelectronics TL061_07 Datasheet HTML 8Page - STMicroelectronics TL061_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
TL061-TL061A-TL061B
4/14
3
Electrical characteristics
Table 3.
VCC = ±15V, Tamb = +25°C (unless otherwise specified)
Symbol
Parameter
TL061M
TL061I
TL061C
Unit
Min.
Typ. Max. Min.
Typ. Max. Min.
Typ. Max.
Vio
Input offset voltage (RS = 50Ω)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
36
9
36
9
315
20
mV
DVio
Temperature coefficient of input
offset voltage (RS = 50Ω)
10
10
10
μV/°C
Iio
Input offset current (1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
5
100
20
5
100
10
5200
5
pA
nA
Iib
Input bias current (1)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
30
200
20
30
200
20
30
400
10
pA
nA
Vicm
Input common mode voltage range
±11.5
+15
-12
±11.5
+15
-12
±11
+15
-12
V
Vopp
Output voltage swing (RL = 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
20
20
27
20
20
27
20
20
27
V
Avd
Large signal voltage gain
RL = 10kΩ, Vo = ±10V,
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
4
4
64
4
63
3
6
V/mV
GBP
Gain bandwidth product
Tamb= +25°C, RL=10kΩ, CL=100pF
1
1
1
MHz
Ri
Input resistance
1012
1012
1012
Ω
CMR
Common mode rejection ratio
RS = 50Ω
80
86
80
86
70
76
dB
SVR
Supply voltage rejection ratio
RS = 50Ω
80
95
80
95
70
95
dB
ICC
Supply current, no load
Tamb = +25°C, no load, no signal
200
250
200
250
200
250
μA
PD
Total power consumption
Tamb = +25°C, no load, no signal
6
7.5
6
7.5
6
7.5
mW
SR
Slew rate
Vi= 10V, RL= 10kΩ, CL= 100pF, Av=1
1.5
3.5
1.5
3.5
1.5
3.5
V/
μs
tr
Rise time
Vi= 20mV, RL=10kΩ, CL=100pF, Av=1
0.2
0.2
0.2
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com