Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS1123L Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1123L
Description  3.3V, 8-Bit, Programmable Timing Element
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1123L Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1123L Datasheet HTML 2Page - Dallas Semiconductor DS1123L Datasheet HTML 3Page - Dallas Semiconductor DS1123L Datasheet HTML 4Page - Dallas Semiconductor DS1123L Datasheet HTML 5Page - Dallas Semiconductor DS1123L Datasheet HTML 6Page - Dallas Semiconductor DS1123L Datasheet HTML 7Page - Dallas Semiconductor DS1123L Datasheet HTML 8Page - Dallas Semiconductor DS1123L Datasheet HTML 9Page - Dallas Semiconductor DS1123L Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
3.3V, 8-Bit, Programmable Timing Element
6
______________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (DS1123L-100)
(VCC = +3.0V to 3.6V, TA = 0°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Delay
tREF
(Notes 3, 4)
18
22
ns
Delay Step Size
tSTEP
TA = +25°C
0
1
2.25
ns
Step-Zero Delay with Respect
to IN
tD0
(Notes 4, 5)
16.5
22
ns
Step-Zero Delay with Respect
to REF
tD0REF
(Notes 6, 7)
-2.5
-1.5
0
ns
Maximum Delay with Respect
to IN
tDMAX
(Notes 4, 8)
272
ns
Delay with Respect to REF
tDREF
Position FF (Notes 7, 9)
255
ns
Delay with Respect to REF
Tolerance
VCC = 3.3V, TA = +25°C
(Notes 7, 9)
-0.75
+0.75
%
Voltage Delay Variation
(Notes 7, 9)
-0.5
+0.5
%
Temperature Delay Variation
VCC = 3.3V (Notes 7, 9)
-2.5
+2.5
%
Integral Nonlinearity (Deviation
from Straight Line)
terr
(Note 10)
-4
0
+4
ns
OUT Delta Delay
tINV0
(Note 11)
0
1
2.5
ns
IN High to PWM High
tPWM0
(Notes 4, 12)
16.5
22
ns
Minimum PWM Output Pulse
Width
tPWM
(Note 13)
5
ns
Minimum Input Pulse Width
tWI
(Note 14)
40
ns
Minimum Input Period
(Note 15)
80
ns
Input Rise and Fall Times
tr, tf
(Note 16)
0
1
µs
Note 1:
All voltages are referenced to ground.
Note 2:
If IN is high during power-up, the output remains low until IN is toggled low and back high again.
Note 3:
The reference delay is closely matched to the step-zero delay to allow relative timings down to zero or less.
Note 4:
Measured from rising edge of the input to the rising edge of the output (tDR).
Note 5:
Delay from input to output with a programmed delay value of zero.
Note 6:
This is the relative delay between REF and OUT. The device is designed such that when programmed to zero delay the
OUT output always appears before the REF output. This parameter is numerically equal to tD0 - tREF (see Figure 8).
Note 7:
From rising edge to rising edge.
Note 8:
This is the actual measured delay from IN to OUT. This parameter exhibits greater temperature variation than the relative
delay parameter.
Note 9:
This is the actual measured delay with respect to the REF output. This parameter more closely reflects the programmed
delay value than the absolute delay parameter (see Figure 8). Typical delay shift due to aging is within ±0.85%. Aging
stressing includes level 1 moisture reflow preconditioning (24hr +125°C bake, 168hr +85°C/85%RH moisture soak, and
three solder reflow passes +260°C +0°C/-5°C peak) followed by 1000hr (max) VCC biased +125°C OP/L, 1000hr unbi-
ased +150°C bake, and 1000 temperature cycles at -55°C to +125°C.
Δt
t
DREF
DREF
Δt
t
DV
DREF
Δt
t
DT
DREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com