Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS10100S Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # STS10100S
Description  TRENCH SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

STS10100S Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  STS10100S Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本(Rev.):201807B
1/6
沟槽肖特基势垒二极管
TRENCH SCHOTTKY BARRIER DIODE
STS10100S
订 货 型 号 Order codes
Marking
Package
有卤-编带
Halogen-Reel
无卤-编带
Halogen Free-Reel
STS10100S-XG-AR
STS10100S-XG-A
STS10100S
SMP-1
STS10100S-RM-AR
STS10100S-RM-A
STS10100S
DPAKM
主要参数
MAIN
CHARACTERISTICS
IF(AV)
10A
VRRM
100V
TJmax
150 ℃
IFSM
150A
VF(max)
0.62V (@Tj=125℃)
封装 Package
SMP-1
DPAKM
产品特性
低功耗,高效率
良好的高温特性
有过压保护环,高可靠性
环保(RoHS)产品
FEATURES
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
订货信息 ORDER MESSAGE
用途
 低压、高频整流
 低压续流电路和保护电路
APPLICATIONS
Low voltage, high
frequency rectifier
Free wheeling diodes,
polarity protection
applications


Similar Part No. - STS10100S

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
STS10100S-RM-A JSMC-STS10100S-RM-A Datasheet
1Mb / 9P
TRENCH SCHOTTKY BARRIER DIODE
202211D
STS10100S-RM-AR JSMC-STS10100S-RM-AR Datasheet
1Mb / 9P
TRENCH SCHOTTKY BARRIER DIODE
202211D
More results

Similar Description - STS10100S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SPS3080 SECOS-SPS3080_15 Datasheet
160Kb / 2P
Trench Barrier Schottky Rectifier
SPS30120 SECOS-SPS30120_15 Datasheet
163Kb / 2P
Trench Barrier Schottky Rectifier
logo
GOOD-ARK Electronics
HBRD20100S GOOD-ARK-HBRD20100S Datasheet
409Kb / 4P
Trench Schottky Barrier Rectifier
SBRX3045CT GOOD-ARK-SBRX3045CT Datasheet
487Kb / 4P
Trench Schottky Barrier Rectifier
SBRX3060CT GOOD-ARK-SBRX3060CT Datasheet
314Kb / 4P
Trench Schottky Barrier Rectifier
SBRX20120CT GOOD-ARK-SBRX20120CT Datasheet
312Kb / 4P
Trench Schottky Barrier Rectifier
logo
Sanken electric
FMET-21510 SANKEN-FMET-21510 Datasheet
350Kb / 6P
Trench Schottky Diode
FMET-22010 SANKEN-FMET-22010 Datasheet
350Kb / 6P
Trench Schottky Diode
FMET-23010 SANKEN-FMET-23010 Datasheet
299Kb / 6P
Trench Schottky Diode
FMET-24010 SANKEN-FMET-24010 Datasheet
292Kb / 6P
Trench Schottky Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com