Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS10100S Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # STS10100S
Description  TRENCH SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

STS10100S Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  STS10100S Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. STS10100S Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
版本(Rev.):201807B
2/6
沟槽肖特基势垒二极管
TRENCH SCHOTTKY BARRIER DIODE
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
Parameter
Symbol
Value
单 位
Unit
最大反向重复峰值电压
Repetitive peak reverse voltage
VRRM
100
V
最大直流阻断电压
Maximum DC blocking voltage
VDC
100
V
正向平均整流电流T
C=100℃
Average Rectified Forward Current
IF(AV)
10
A
正向峰值浪涌电流
Surge non repetitive
forward current
(额定负载 10ms 半正弦波)
10 ms single half-sine-wave
IFSM
150
A
最高结温
Maximum junction temperature
Tj
150
工作结温和储存温度范围
Storage temperature range
TJmax/TSTG
-40~+150
电特性 ELECTRICAL CHARACTERISTICS
热特性 THERMAL CHARACTERISTICS
Parameter
Symbol
最小值
Value(min)
最大值
Value(max)
Unit
结到管壳的热阻
Thermal resistance from
junction to case
DPAKM
SMP-1
Rth(j-c)
——
5
35
℃/W
结到环境的热阻
Thermal resistance from
junction to ambient
Rth(j-a)
——
80
200
Parameter
测试条件
Tests conditions
典型值
Value(typ)
最大值
Value(max)
单位
Unit
IR
Tj =25℃
VR=VRRM
0.02
0.05
mA
Tj =125℃
VR=VRRM
3.0
20
VF
Tj =25℃
IF=5A
0.54
0.60
V
Tj =25℃
IF=10A
0.65
0.7
Tj =125℃
IF=5A
0.51
0.55
Tj =125℃
IF=10A
0.62
0.65



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com