Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX2120 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2120
Description  Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2120 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2120 Datasheet HTML 3Page - Maxim Integrated Products MAX2120 Datasheet HTML 4Page - Maxim Integrated Products MAX2120 Datasheet HTML 5Page - Maxim Integrated Products MAX2120 Datasheet HTML 6Page - Maxim Integrated Products MAX2120 Datasheet HTML 7Page - Maxim Integrated Products MAX2120 Datasheet HTML 8Page - Maxim Integrated Products MAX2120 Datasheet HTML 9Page - Maxim Integrated Products MAX2120 Datasheet HTML 10Page - Maxim Integrated Products MAX2120 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Complete, Direct-Conversion Tuner for DVB-S
and Free-to-Air Applications
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(MAX2120 Evaluation Kit: VCC = +3.3V, baseband output frequency = 5MHz; VGC1 = 1.2V; TA = +25°C. Default register settings
except ICP = 1 and BBG[3:0] = 1011.)
NOISE FIGURE vs. INPUT POWER
INPUT POWER (dBm)
-20
-30
-40
-50
-60
-70
20
10
30
40
50
60
70
0
-80
0
-10
ADJUST BBG[3:0] FOR 1VP-P
BASEBAND OUTPUT WITH
PIN = -75dBm AND VGC1 = 0.5V
fLO = 1500MHz
OUT-OF-BAND IIP3 vs. INPUT POWER
INPUT POWER (dBm)
-20
-30
-40
-50
-60
-70
-10
-20
0
10
20
30
-30
-80
0
-10
SEE NOTE 4 ON PAGE 4 FOR CONDITIONS
IN-BAND IIP3 vs. INPUT POWER
INPUT POWER (dBm)
-20
-30
-40
-50
-60
-70
-30
-50
-40
-10
-20
0
10
20
30
-60
-80
0
-10
SEE NOTE 3 ON PAGE 4 FOR CONDITIONS
IIP2 vs. INPUT POWER
INPUT POWER (dBm)
-20
-30
-40
-50
-60
-70
0
10
30
20
40
50
60
-10
-80
0
-10
SEE NOTE 5 ON PAGE 4 FOR CONDITIONS
INPUT RETURN LOSS vs. FREQUENCY
FREQUENCY (MHz)
2025
1800
1350
1575
1125
-20
-15
-10
-5
0
-25
900
2250
VGC1 = 2.7V
VGC1 = 0.5V
PHASE NOISE AT 10kHz OFFSET
vs. CHANNEL FREQUENCY
CHANNEL FREQUENCY (MHz)
2065
1875
1305 1495 1685
1115
-86
-82
-78
-74
-70
-90
-84
-80
-76
-72
-88
925
2255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com