Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAX2120 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2120
Description  Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2120 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2120 Datasheet HTML 1Page - Maxim Integrated Products MAX2120 Datasheet HTML 2Page - Maxim Integrated Products MAX2120 Datasheet HTML 3Page - Maxim Integrated Products MAX2120 Datasheet HTML 4Page - Maxim Integrated Products MAX2120 Datasheet HTML 5Page - Maxim Integrated Products MAX2120 Datasheet HTML 6Page - Maxim Integrated Products MAX2120 Datasheet HTML 7Page - Maxim Integrated Products MAX2120 Datasheet HTML 8Page - Maxim Integrated Products MAX2120 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
General Description
The MAX2120 low-cost, direct-conversion tuner IC is
designed for satellite set-top and VSAT applications.
The IC is intended for QPSK, Digital Video Broadcast
(DVB-S), DSS, and free-to-air applications.
The MAX2120 directly converts the satellite signals
from the LNB to baseband using a broadband I/Q
downconverter. The operating frequency range extends
from 925MHz to 2175MHz.
The device includes an LNA and an RF variable-gain
amplifier, I and Q downconverting mixers, and baseband
lowpass filters with programmable cutoff frequency
control and digitally controlled baseband variable-gain
amplifiers. Together, the RF and baseband variable-gain
amplifiers provide more than 80dB of gain-control range.
The IC is compatible with virtually all QPSK demodulators.
The MAX2120 includes fully monolithic VCOs, as well as
a complete frequency synthesizer. Additionally, an on-
chip crystal oscillator is provided along with a buffered
output for driving additional tuners and demodulators.
Synthesizer programming and device configuration are
accomplished with a 2-wire serial interface. The IC fea-
tures a VCO autoselect (VAS) function that automatically
selects the proper VCO. For multituner applications, the
device can be configured to have one of two 2-wire
interface addresses. A low-power standby mode is
available whereupon the signal path is shut down while
leaving the reference oscillator, digital interface, and
buffer circuits active, providing a method to reduce
power in single and multituner applications.
The MAX2120 is the most advanced DBS tuner available
today. The low noise figure eliminates the need for an
external LNA. A small number of passive components are
needed to form a complete DVB, DBS, or VSAT RF front-
end solution. The tuner is available in a very small 28-pin
thin QFN package.
Applications
DirecTV and Dish Network DBS
DVB-S
Two-Way Satellite Systems
VSATs
Free-to-Air
Features
♦ 925MHz to 2175MHz Frequency Range
♦ Monolithic VCO: No Calibration Required
♦ -75dBm to 0dBm High Dynamic Range
♦ 4MHz to 40MHz Integrated Variable BW LP Filters
♦ Single +3.3V ±5% Supply
♦ Low-Power Standby Mode
♦ Multiple 2-Wire Addresses for Multituner
Applications
♦ Differential I/Q Interface
♦ I2C 2-Wire Serial Interface
♦ Very Small 28-Pin Thin QFN Package
Complete, Direct-Conversion Tuner for DVB-S
and Free-to-Air Applications
________________________________________________________________
Maxim Integrated Products
1
19-0832; Rev 0; 6/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALU
ATION
KIT
AVAIL
ABLE
RFIN
GC1
VCC_LO
+
÷
IOUT+
QOUT-
VCC_DIG
19
17
16
3
5
18
4
6
VCC_VCO
REFOUT
15
7
GND
IOUT-
20
2
VCC_RF1
21
IDC+
1
26
24
23
10
12
25
11
13
22
14
27
9
28
8
VCC_RF2
MAX2120
INTERFACE LOGIC
AND CONTROL
DC OFFSET
CORRECTION
LPF BW
CONTROL
DIV2/DIV4
EP
FREQUENCY
SYNTHESIZER
QOUT+
Pin Configuration/
Functional Diagram
Ordering Information
PART
TEMP RANGE
PIN-PACKAGE
PKG
CODE
MAX2120CTI+
0°C to +70°C
28 Thin QFN-EP*
T2855+3
*EP = Exposed paddle.
+Denotes lead-free package.


Similar Part No. - MAX2120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2120 MAXIM-MAX2120 Datasheet
223Kb / 21P
Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
MAX2120 MAXIM-MAX2120 Datasheet
650Kb / 11P
All Critical Peripheral Components Included
Rev 2; 11/14
MAX2120CTI+ MAXIM-MAX2120CTI+ Datasheet
223Kb / 21P
Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
MAX2120EVKIT MAXIM-MAX2120EVKIT Datasheet
650Kb / 11P
All Critical Peripheral Components Included
Rev 2; 11/14
MAX2120EVKIT+ MAXIM-MAX2120EVKIT+ Datasheet
650Kb / 11P
All Critical Peripheral Components Included
Rev 2; 11/14
More results

Similar Description - MAX2120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2102 MAXIM-MAX2102 Datasheet
151Kb / 16P
Direct-Conversion Tuner ICs for Digital DBS Applications
19-1256; Rev 2; 10/98
MAX2104 MAXIM-MAX2104 Datasheet
148Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
19-1431; Rev 3; 12/01
logo
STMicroelectronics
STB6000 STMICROELECTRONICS-STB6000 Datasheet
48Kb / 2P
QPSK DVB/DIRECTVTM direct conversion tuner IC
Mar-2004
logo
Maxim Integrated Produc...
MAX2104 MAXIM-MAX2104_05 Datasheet
186Kb / 9P
Direct-Conversion Tuner IC for Digital DBS Applications
Rev 4; 6/05
MAX2112 MAXIM-MAX2112 Datasheet
303Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 0; 8/07
MAX2112 MAXIM-MAX2112_10 Datasheet
207Kb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
Rev 2; 5/10
MAX2120 MAXIM-MAX2120_10 Datasheet
223Kb / 21P
Complete, Direct-Conversion Tuner for DVB-S and Free-to-Air Applications
Rev 2; 5/10
MAX2121_V1 MAXIM-MAX2121_V1 Datasheet
330Kb / 19P
Complete Direct-Conversion L-Band Tuner
Rev 1; 7/12
logo
Infineon Technologies A...
TUA9001 INFINEON-TUA9001 Datasheet
186Kb / 2P
RF Silicon Tuner for for DVB-H/T and CMMB (Direct Conversion Receiver)
logo
Maxim Integrated Produc...
MAX2112 MAXIM-MAX2112_V01 Datasheet
1Mb / 19P
Complete, Direct-Conversion Tuner for DVB-S2 Applications
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com