Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74AUP1G04 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74AUP1G04
Description  Low-power inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G04 Datasheet(HTML) 1 Page - NXP Semiconductors

  74AUP1G04 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74AUP1G04 is a high-performance, low-power, low-voltage, Si-gate CMOS device,
superior to most advanced CMOS compatible TTL families.
Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire
VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
The 74AUP1G04 provides the single inverting buffer.
2.
Features
s Wide supply voltage range from 0.8 V to 3.6 V
s High noise immunity
s Complies with JEDEC standards:
x JESD8-12 (0.8 V to 1.3 V)
x JESD8-11 (0.9 V to 1.65 V)
x JESD8-7 (1.2 V to 1.95 V)
x JESD8-5 (1.8 V to 2.7 V)
x JESD8-B (2.7 V to 3.6 V)
s ESD protection:
x HBM JESD22-A114-C Class 3A. Exceeds 5000 V
x MM JESD22-A115-A exceeds 200 V
x CDM JESD22-C101-C exceeds 1000 V
s Low static power consumption; ICC = 0.9 µA (maximum)
s Latch-up performance exceeds 100 mA per JESD 78 Class II
s Inputs accept voltages up to 3.6 V
s Low noise overshoot and undershoot < 10 % of VCC
s IOFF circuitry provides partial Power-down mode operation
s Multiple package options
s Specified from
−40 °Cto+85 °C and −40 °C to +125 °C
74AUP1G04
Low-power inverter
Rev. 02 — 28 June 2006
Product data sheet


Similar Part No. - 74AUP1G04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AUP1G04 STMICROELECTRONICS-74AUP1G04 Datasheet
396Kb / 18P
Low power single inverter gate
28-Mar-2008
logo
NXP Semiconductors
74AUP1G04 NXP-74AUP1G04 Datasheet
101Kb / 18P
Low-power inverter
Rev. 03-5 November 2009
logo
Diodes Incorporated
74AUP1G04 DIODES-74AUP1G04 Datasheet
170Kb / 11P
SINGLE INVERTER GATE
Rev 1
logo
Nexperia B.V. All right...
74AUP1G04 NEXPERIA-74AUP1G04 Datasheet
294Kb / 20P
Low-power inverter
Rev. 11 - 13 January 2022
logo
TECH PUBLIC Electronics...
74AUP1G04 TECHPUBLIC-74AUP1G04 Datasheet
4Mb / 9P
SINGLE INVERTER GATE
More results

Similar Description - 74AUP1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
Low-power dual inverter
Rev. 01.-16 January 2006
74AUP1G04 NXP-74AUP1G04 Datasheet
101Kb / 18P
Low-power inverter
Rev. 03-5 November 2009
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
Low-power dual inverter
Rev. 02-7 July 2009
74AUP1G04 PHILIPS-74AUP1G04_15 Datasheet
421Kb / 22P
Low-power inverter
Rev. 7-27 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP2G04 PHILIPS-74AUP2G04_15 Datasheet
199Kb / 19P
Low-power dual inverter
Rev. 5-5 March 2012
74AXP1G04 PHILIPS-74AXP1G04_15 Datasheet
189Kb / 17P
Low-power inverter
Rev. 1-25 August 2014
logo
Nexperia B.V. All right...
74AUP1G04-Q100 NEXPERIA-74AUP1G04-Q100 Datasheet
700Kb / 16P
Low-power inverter
74AXP1G04 NEXPERIA-74AXP1G04 Datasheet
796Kb / 17P
Low-power inverter
74AUP1G04 NEXPERIA-74AUP1G04 Datasheet
294Kb / 20P
Low-power inverter
Rev. 11 - 13 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com