Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4857-2YCPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4857-2YCPZ-R2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4857-2YCPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADA4857-1/ADA4857-2
Data Sheet
Rev. D | Page 12 of 21
Figure 26. Small Signal Transient Response for Various Capacitive Loads (LFCSP)
Figure 27. Small Signal Transient Response for Various Supply Voltages (LFCSP)
Figure 28. Closed-Loop Output Impedance vs. Frequency for Various Gains
Figure 29. Large Signal Transient Response for Various Load Resistances (SOIC)
Figure 30. Large Signal Transient Response for Various Load Resistances (LFCSP)
Figure 31. Closed-Loop Input Impedance vs. Frequency
TIME (10ns/DIV)
0.25
–0.25
–0.20
0.20
–0.15
0.15
–0.10
0.10
–0.05
0
0.05
CL = 10pF
CL = 1.5pF
VS = ±5V
RL = 1kΩ
G = +1
TIME (10ns/DIV)
0.25
–0.25
–0.20
0.20
–0.15
0.15
–0.10
0.10
–0.05
0
0.05
VS = ±5V
VS = ±2.5V
RL = 1kΩ
G = +1
0.1
1
10
100
1000
1000
0.1
1
10
100
FREQUENCY (MHz)
VS = ±5V
G = +2
G = +5
TIME (10ns/DIV)
2.0
–2.0
–1.6
1.6
–1.2
1.2
–0.8
0.8
–0.4
0
0.4
RL = 1kΩ
RL = 100Ω
VS = ±5V
G = +2
TIME (10ns/DIV)
2.0
–2.0
–1.6
1.6
–1.2
1.2
–0.8
0.8
–0.4
0
0.4
RL = 1kΩ
RL = 100Ω
VS = ±5V
G = +1
1
10
100
1000
FREQUENCY (MHz)
VS = ±5V
G = +2
0.01
0.1
1
10
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com