Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4857-2YCPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4857-2YCPZ-R2
Description  Ultralow Distortion, Low Power, Low Noise, High Speed Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4857-2YCPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4857-2YCPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4857-2YCPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
ADA4857-1/ADA4857-2
Rev. D | Page 15 of 21
Figure 44. Input Offset Voltage Distribution over Temperature, VS = ±5 V
Figure 45. Input Offset Voltage Drift Distribution, VS = ±5 V
Figure 46. Common-Mode Rejection vs. Common-Mode Voltage
Figure 47. Input Offset Voltage Distribution over Temperature, VS = 5 V
Figure 48. Input Offset Voltage Drift Distribution, VS = 5 V
0
10
20
30
40
50
60
–7 –6 –5 –4 –3 –2 –1
0
1
2
3
4
5
6
7
INPUT OFFSET VOLTAGE (mV)
–40°C
+125C
VS = ±5V
0
5
10
15
20
25
30
–15
–10
–5
0
5
10
15
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
VS = ±5V
–500
–400
–300
–200
–100
0
100
200
300
400
500
–4
–3
–2
–1
0
1
2
3
4
COMMON-MODE VOLTAGE (V)
0
10
20
30
40
60
50
70
–7 –6 –5 –4 –3 –2 –1
0
1
2
3
4
5
6
7
INPUT OFFSET VOLTAGE (mV)
–40°C
+125C
VS = 5V
0
5
10
15
20
25
–15
–10
–5
0
5
10
15
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
VS = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com