Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

08CH220L Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 08CH220L
Description  SMD Transient Voltage Suppressors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

08CH220L Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 08CH220L Datasheet HTML 6Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 7Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 8Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 9Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 10Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 11Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 12Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 13Page - List of Unclassifed Manufacturers 08CH220L Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SFI Model
Number
Working
Voltage
(MAX)
Breakdown
Voltage
Peak
Current
(MAX)
Clamping
Voltage
(MAX)
Energy
Absorption
(MAX)
Typical
Capacitance
Unit
Condition
AC
VRMS)
DC
V)
1mA
(V)
8/20µs
(A)
(A)
(V)
10/1000µs
(J)
1KHz
(pF)
SFI1206ML080C
SFI1206ML120C
SFI1206ML150C
SFI1206ML180C
SFI1206ML240C
SFI1206ML270C
SFI1206ML330C
SFI1206ML390C
SFI1206ML470C
SFI1206ML560C
SFI1206ML680C
SFI1206ML820C
SFI1206ML101C
4
6
8
11
14
17
20
25
30
35
40
50
60
5.5
9
11
14
18
22
26
30
38
45
56
65
85
8(6.4~9.6)
12(9.6~13.8)
15(12.75~17.25)
18(15.3~20.7)
24(21.6~26.7)
27(24.3~29.7)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
68(61.2~74.8)
82(73.8~90.2)
100(90~110)
100
100
100
100
100
100
100
100
100
100
100
100
100
1
1
1
1
1
1
1
1
1
1
1
1
1
18
20
25
30
38
44
54
65
77
90
110
135
165
0.2
0.2
0.2
0.3
0.3
0.4
0.5
0.6
0.7
0.8
1.0
0.5
0.6
3200
2200
1300
1150
900
840
490
440
400
310
280
240
160
SFI1210ML120C
SFI1210ML150C
SFI1210ML180C
SFI1210ML240C
SFI1210ML270C
SFI1210ML330C
SFI1210ML390C
SFI1210ML470C
SFI1210ML560C
SFI1210ML680C
SFI1210ML820C
SFI1210ML101C
6
8
11
14
17
20
25
30
35
40
50
60
9
11
14
18
22
26
30
38
45
56
65
85
12(10.2~13.8)
15(12.75~17.25)
18(15.3~20.7)
24(21.6~26.4)
27(24.3~29.7)
33(29.7~36.3)
39(35.1~42.9)
47(42.3~51.7)
56(50.4~61.6)
68(61.2~74.8)
82(73.8~90.2)
100(90~110)
250
250
250
250
250
250
250
250
250
250
250
200
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
20
25
30
38
44
54
65
77
90
110
135
165
0.5
0.6
0.7
0.8
1.0
1.2
1.4
1.6
2.0
2.3
1.2
1.4
4400
3520
3260
1950
1720
1090
920
780
470
390
320
220
SMD Transient Voltage Suppressors
Surface Mount Multi layer C Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com