Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1759 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # AN1759
Description  Add a Non-Volatile Clock to the MC68HC705J1A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1759 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  AN1759 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 4Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Application Note
DS1307 Hardware Interface
AN1759
3
The DS1307 has built-in power management circuitry to detect power
failures on the VDD pin and when detected will switch power over to the
battery back-up pin, VBAT. Access to the device is terminated when VDD
falls below 1.25 x VBAT. Further accesses to the device are not allowed.
On power up, the device switches power from VBAT to VDD when the VDD
pin is 0.2 volts above VBAT. Once VDD is higher than 1.25 x VBAT, normal
operations can continue.
Address and data are communicated via the 2-wire bus. The DS1307
operates as a slave at all times and is accessed by first transmitting the
DS1307’s identification code on the bus.
DS1307 Hardware Interface
Pinout and Pin
Descriptions
Figure 1. DS1307 Pinout
VDD and GND
These pins serve as the main power source for the device. When
+5 volts is applied to this pin, the device is fully accessible and data can
be read or written. If the power on the VDD pin falls below 1.25 x VDD, the
device switches its power supply to VBAT. At this point, reading and
writing to the device is prohibited. The timekeeping function and non-
volatile RAM are unaffected.
VBAT
This pin is the power input for any standard 3-volt lithium battery or other
3-volt source. For proper operation, this voltage must be held between
2.5 and 3.5 volts. A lithium battery with at least a 35-mA hours rating will
back up the DS1307 for more than 10 years in the absence of power.
1
2
3
4
8
7
6
5
X2
VBAT
GND
X1
SQW/OUT
SCL
SDA
VDD
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com