Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN1759 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # AN1759
Description  Add a Non-Volatile Clock to the MC68HC705J1A
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1759 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button AN1759 Datasheet HTML 2Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 3Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 4Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 9Page - Freescale Semiconductor, Inc AN1759 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Application Note
AN1759
6
Figure 3. 2-Wire Serial Bus Interface
Bus Idle
In idle mode, both the SDA and SCL are held high.
Start Transfer
All transfers begin with the start transfer condition. This is done by
bringing the SDA pin from HIGH to LOW while the SCL pin is HIGH. The
DS1307 is monitoring the bus for this signal and will not start any
transactions until this condition is met. See Figure 4.
Stop Transfer
All transfers must be terminated with the stop transfer condition. This is
done by bringing the SDA pin from LOW to HIGH while the SCL pin is
HIGH. A stop transfer can be used only after the transmitting device
releases the bus. See Figure 4.
+5 V
DS1307 2-WIRE PORT
RX
TX
5kΩ
RX
TX
PORT PIN
BUS MASTER
TX
RX
SCL
SDA
DIRECTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com