Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC1017 Datasheet(PDF) 25 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 25 Page - Microchip Technology

Back Button TC1017 Datasheet HTML 20Page - Microchip Technology TC1017 Datasheet HTML 21Page - Microchip Technology TC1017 Datasheet HTML 22Page - Microchip Technology TC1017 Datasheet HTML 23Page - Microchip Technology TC1017 Datasheet HTML 24Page - Microchip Technology TC1017 Datasheet HTML 25Page - Microchip Technology TC1017 Datasheet HTML 26Page - Microchip Technology TC1017 Datasheet HTML 27Page - Microchip Technology TC1017 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2005-2023 Microchip Technology Inc. and its subsidiaries
DS20001813G-page 25
TC1017
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1017: 150 mA Tiny CMOS LDO with Shutdown
TC1017R:150 mA Tiny CMOS LDO with Shutdown
(SC-70 only)
Voltage
Options:*
(Standard)
1.8V
1.85V
2.5V
SC-70 only
2.6V
2.7V
2.8V
2.85V
2.9V
3.0V
3.2V
SC-70 only
3.3V
4.0V
* Other voltage options available. Please contact
your local Microchip sales office for details.
Temperature
Range:
V
= -40°C to +125°C
Package:
LTTR
= 5-pin SC-70 (Tape and Reel)
CTTR
= 5-pin SOT-23 (Tape and Reel)
Qualification**:
<Blank> = Standard Part
VAO
= AEC-Q100 Automotive Qualified
** Contact your local Microchip sales office to
request automotive qualified part variants.
PART NO.
X.XX
X
Temperature
Voltage
Options
Device
Range
Examples:
a) TC1017-1.8VLTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package
b) TC1017R-1.8VLTTR:
150mA, Tiny CMOS
LDO with Shutdown,
SC-70 package
c) TC1017-2.6VCTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package
d) TC1017-2.7VLTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package
e) TC1017-2.8VCTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package
f) TC1017-2.85VLTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package
g) TC1017-2.9VCTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package
h) TC1017-3.0VLTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package
i) TC1017-3.3VCTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package
j) TC1017-3.3VCTTR-VAO**: 150 mA, Tiny CMO
LDO with Shutdown,
SOT-23 package,
AEC-Q100Automotive
Qualified
k) TC1017-4.0VLTTR:
150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package
XXXX
Package
–XXX
Qualification
Note: Tape and Reel identifier only appears in the catalog
part number description. This identifier is used for
ordering purposes and is not printed on the device
package. Check with your Microchip Sales Office for
package availability with the Tape and Reel option.
**
Example of automotive part variant that can be set up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com