Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC1017 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC1017 Datasheet HTML 6Page - Microchip Technology TC1017 Datasheet HTML 7Page - Microchip Technology TC1017 Datasheet HTML 8Page - Microchip Technology TC1017 Datasheet HTML 9Page - Microchip Technology TC1017 Datasheet HTML 10Page - Microchip Technology TC1017 Datasheet HTML 11Page - Microchip Technology TC1017 Datasheet HTML 12Page - Microchip Technology TC1017 Datasheet HTML 13Page - Microchip Technology TC1017 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TC1017
DS20001813G-page 10
 2005-2023 Microchip Technology Inc. and its subsidiaries
4.0
DETAILED DESCRIPTION
The TC1017 is a precision, fixed-output, linear voltage
regulator. The internal linear pass element is a
P-channel MOSFET. As with all P-channel CMOS
LDOs, there is a body drain diode with the cathode
connected to V
IN and the anode connected to VOUT
(Figure 4-1).
As is shown in Figure 4-1, the output voltage of the
LDO is sensed and divided down internally to reduce
external component count. The internal error amplifier
has a fixed bandgap reference on the inverting input
and the sensed output voltage on the noninverting
input. The error amplifier output will pull the gate
voltage down until the inputs of the error amplifier are
equal to regulate the output voltage.
Output overload protection is implemented by sensing
the current in the P-channel MOSFET. During a shorted
or faulted load condition in which the output voltage
falls to less than 0.5V, the output current is limited to a
typical value of 120 mA. The current-limit protection
helps prevent excessive current from damaging the
Printed Circuit Board (PCB).
An internal thermal sensing device is used to monitor
the junction temperature of the LDO. When the sensed
temperature is over the set threshold of 160°C (typical),
the P-channel MOSFET is turned off. When the P-
channel is off, the power dissipation internal to the
device is almost zero. The device cools until the junction
temperature is approximately 150°C and the P-channel
is turned on. If the internal power dissipation is still high
enough for the junction to rise to 160°C, it will again shut
off and cool. The maximum operating junction
temperature of the device is 125°C. Steady-state
operation at or near the 160°C overtemperature point
can lead to permanent damage of the device.
The output voltage V
OUT remains stable over the entire
input operating voltage range (2.7V to 6.0V) and the
entire load range (0 mA to 150 mA). The output voltage
is sensed through an internal resistor divider and
compared with a precision internal voltage reference.
Several fixed-output voltages are available by
changing the value of the internal resistor divider.
Figure 4-2 shows a typical application circuit. The
regulator is enabled any time the shutdown input pin is
at or above V
IH. It is shut down (disabled) any time the
shutdown input pin is below V
IL. For applications where
the SHDN feature is not used, tie the SHDN pin directly
to the input supply voltage source. While in shutdown,
the supply current decreases to 0.05 µA (typical) and
the P-channel MOSFET is turned off.
As shown in Figure 4-2, batteries have internal source
impedance. An input capacitor is used to lower the
input impedance of the LDO. In some applications, high
input impedance can cause the LDO to become
unstable. Adding
more
input
capacitance
can
compensate for this.
FIGURE 4-1:
TC1017 Block Diagram (5-Pin SC-70 Pinout).
FIGURE 4-2:
Typical Application Circuit (5-Pin SC-70 Pinout).
+
-
EA
V
OUT
V
REF
SHDN
V
IN
5
4
R1 R2
1
2
3
SHDN
GND
V
IN
NC
Current Limit
Over
Error
Feedback Resistors
Control
Temp.
Body
Diode
Amp
V
OUT
5
4
1
2
3
SHDN
GND
V
IN
NC
R
SOURCE
C
IN
1 µF Ceramic
C
OUT
1 µF Ceramic
TC1017
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com