Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC1262 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1262
Description  500 mA Fixed Output CMOS LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1262 Datasheet(HTML) 1 Page - Microchip Technology

  TC1262 Datasheet HTML 1Page - Microchip Technology TC1262 Datasheet HTML 2Page - Microchip Technology TC1262 Datasheet HTML 3Page - Microchip Technology TC1262 Datasheet HTML 4Page - Microchip Technology TC1262 Datasheet HTML 5Page - Microchip Technology TC1262 Datasheet HTML 6Page - Microchip Technology TC1262 Datasheet HTML 7Page - Microchip Technology TC1262 Datasheet HTML 8Page - Microchip Technology TC1262 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2002-2023 Microchip Technology Inc. and its subsidiaries
DS20001373D-page 1
TC1262
Features
• AEC-Q100 Automotive Qualified, See Product
Identification System
• Very Low Dropout Voltage
• 500 mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Overcurrent and Overtemperature Protection
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
Note:
xx indicates output voltages. Available
Output Voltages: 2.5, 2.8, 3.0, 3.3, 5.0.
Other output voltages are available. Please
contact Microchip Technology Inc. for
details.
General Description
The TC1262 is a fixed output, high accuracy (typically
±0.5%) CMOS low dropout regulator. Designed
specifically for battery-operated systems, the TC1262’s
CMOS construction eliminates wasted ground current,
significantly extending battery life. Total supply current
is typically 80 μA at full load (20 to 60 times lower than
in bipolar regulators).
TC1262 key features include ultra low noise operation,
very low dropout voltage (typically 350 mV at full load),
and fast response to step changes in load.
The TC1262 incorporates both over temperature and
over current protection. The TC1262 is stable with an
output capacitor of only 1 μF and has a maximum
output current of 500 mA. It is available in
3-Pin SOT-223, 3-Pin TO-220 and 3-Pin DDPAK
packages.
Package Type
Typical Application
Part Number
Package
Junction
Temp. Range
TC1262-xxVDB
3-Pin SOT-223 -40°C to +125°C
TC1262-xxVAB
3-Pin TO-220
-40°C to +125°C
TC1262-xxVEB
3-Pin DDPAK
-40°C to +125°C
VIN
VOUT
GND
Front View
Front View
1
1
2
3
3
2
Tab is GND
TC1262
TC1262
TC1262
3-Pin TO-220
Tab is GND
3-Pin SOT-223
3-Pin DDPAK
1
2
3
TC1262
VIN
VOUT
C1
1
μF
GND
VOUT
VIN
+
500 mA Fixed Output CMOS LDO


Similar Part No. - TC1262

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
500mA Fixed Output CMOS LDO
05/01/02
More results

Similar Description - TC1262

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
800 mA Fixed-Output CMOS LDO with Shutdown
2004
logo
Vishay Siliconix
SI9185 VISHAY-SI9185 Datasheet
138Kb / 12P
Micropower 500-mA CMOS LDO Regulator
06-May-02
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
800 mA Fixed-Output CMOS LDO with Shutdown
2006
logo
ON Semiconductor
CAT6219 ONSEMI-CAT6219 Datasheet
179Kb / 9P
500 mA CMOS LDO Regulator
February, 2010 ??Rev. 9
CAT6219 ONSEMI-CAT6219_12 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
logo
ON Semiconductor
CAT6219-ADJTDGT3 ONSEMI-CAT6219-ADJTDGT3 Datasheet
185Kb / 11P
500 mA CMOS LDO Regulator
September, 2012 ??Rev. 14
logo
Rohm
BD4XXS5-C ROHM-BD4XXS5-C Datasheet
2Mb / 41P
For Automotive 45 V Input 500 mA Fixed Output LDO Regulators
26.Oct.2022 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com