Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSG14K_CSG8K Datasheet(PDF) 84 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 84 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 80Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 81Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 82Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 83Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 84Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 85Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 86Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 87Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 88Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 83
Figure 100:
XY-Subsampling for Color and Mono Sensors
In color mode, only 4 out of 4x4 neighboring pixels are read out. The output data is still Bayer
patterned.
In monochrome mode, only 1 out of 2x2 neighboring pixels is read out.
The amount of pixels per channel mentioned in section 7.6.2, scales accordingly when
combining horizontal subsampling with the readout over a reduced number of data channels.
Vertical Subsampling
Figure 101:
Vertical Subsampling Registers
Register Name
Bank
Addr
Bits
Description
YWINi.SUBS
0
18+4×i
[30:28]
Row subsampling in window i
COLOR_MODE
4
4
[0]
0: Monochrome
1: Color
The sensor supports vertical subsampling (skipping rows), which can be set per window. The
register YWINi.SUBS defines the ratio of the accessed rows in window i as 1 out of every
2SUBS rows.
When COLOR_MODE register is set to 1, the rows are grouped per 2 to follow the Bayer
pattern, as illustrated in Figure 102. It is recommended to only use even window sizes in color
mode to keep the Bayer filter pattern intact. ROI0 in the example below demonstrates the
effect of an odd window size.
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com