Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CSG14K_CSG8K Datasheet(PDF) 52 Page - OSRAM GmbH

Part # CSG14K_CSG8K
Description  13.8 Mp_8.3 Mp High Speed Global Shutter CMOS Image Sensor
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CSG14K_CSG8K Datasheet(HTML) 52 Page - OSRAM GmbH

Back Button CSG14K_CSG8K Datasheet HTML 48Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 49Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 50Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 51Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 52Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 53Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 54Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 55Page - OSRAM GmbH CSG14K_CSG8K Datasheet HTML 56Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 114 page
background image
Document Feedback
CSG14K_CSG8K
Functional Description
Datasheet
• PUBLIC
DS000571
• v2-01 • 2023-Feb-10
113
│ 51
Information
At the sensor output, all channels are bit and word aligned with minimal skew (per readout
side). Yet, it is advised to perform bit-alignment on the receiver to optimize the sample point
of every data channel.
Reading out a frame is done row-by-row. The pixels of a row are evenly distributed along all
enabled outputs. Any number between 1 and 8 DATAx_OUT channels (per side) can be
used, depending on the horizontal multiplexing settings (see section 7.6.2). DATA0_OUT is
always active. If more than 1 channel is used, additional channels are enabled from left to
right.
Using the OB_OUT channel is optional, because by default the row OB corrections (using the
OB columns) are done on-chip.
Low-Level Pixel Timing
●
Data is transferred serially over each channel, one complete word at a time.
●
Data is transferred either LSB bit or MSB bit first through configuration.
●
All channels are word aligned (first bit of all channels sent during same CLK_OUT
cycle).
This results in the timing diagram in the figure below (shown for 12-bit data, LSB bit first).
Figure 54:
Low-Level Pixel Timing (per side)
Control Channel
Like all other data channels, the CTR_OUT channel transmits its data word-based. A word
being transmitted on the CTR channel consists of a number of bits, each reflecting the status
of a certain aspect of the sensor behavior. The table below lists the function of each bit.
Figure 55:
Control Word
#
Name
Function
[0]
SYNC
Always '1'
1
CLK_OUT
CTR_OUT
DVAL
FVAL
SVAL
OBVAL
EXP_L
EXP_S
GLOB
NSRE
NSRF
0
0
1
0
[2]
DATA0_OUT
[11]
A[0]
A[1]
A[2]
A[3]
A[4]
A[5]
A[6]
A[7]
A[8]
A[9]
A[10]
A[11]
[2]
DATA1_OUT
[11]
M[0]
M[1]
M[2]
M[3]
M[4]
M[5]
M[6]
M[7]
M[8]
M[9]
M[10]
M[11]
[2]
OB_OUT
[11]
OB[0]
OB[1]
OB[2]
OB[3]
OB[4]
OB[5]
OB[6]
OB[7]
OB[8]
OB[9]
OB[10]
OB[11]
[0]
[0]
[0]
[1]
[1]
[1]
DVAL
FVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com