Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB88153A Datasheet(PDF) 5 Page - fujitsu semiconductor

Part # MB88153A
Description  Spread Spectrum Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88153A Datasheet(HTML) 5 Page - fujitsu semiconductor

  MB88153A Datasheet HTML 1Page - fujitsu semiconductor MB88153A Datasheet HTML 2Page - fujitsu semiconductor MB88153A Datasheet HTML 3Page - fujitsu semiconductor MB88153A Datasheet HTML 4Page - fujitsu semiconductor MB88153A Datasheet HTML 5Page - fujitsu semiconductor MB88153A Datasheet HTML 6Page - fujitsu semiconductor MB88153A Datasheet HTML 7Page - fujitsu semiconductor MB88153A Datasheet HTML 8Page - fujitsu semiconductor MB88153A Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
MB88153A
5
■ HANDLING DEVICES
Preventing Latch-up
A latch-up can occur if, on this device, (a) a voltage higher than VDD or a voltage lower than VSS is applied to an
input or output pin or (b) a voltage higher than the rating is applied between VDD pin and VSS pin. The latch-up,
if it occurs, significantly increases the power supply current and may cause thermal destruction of an element.
When you use this device, be very careful not to exceed the maximum rating.
Handling unused pins
Do not leave an unused input pin open, since it may cause a malfunction. Handle by, using a pull-up or
pull-down resistor.
Unused output pin should be opened.
Power supply pins
Please design connecting the power supply pin of this device by as low impedance as possible from the current
supply source.
We recommend connecting electrolytic capacitor (about 10
µF) and the ceramic capacitor (about 0.01 µF) in
parallel between VSS pin and VDD pin near the device, as a bypass capacitor.
Clock I/O circuit
Noise near the CKIN pin may cause the device to malfunction. Design the printed circuit board so that the wiring
for the clock input does not intersect any other wiring.
Please pay attention so that an overshoot and an undershoot do not occur to an input clock of CKIN pin.
Design the printed circuit board that surrounds the CKIN and CKOUT pins with ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com