Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB88153A Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB88153A
Description  Spread Spectrum Clock Generator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB88153A Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB88153A Datasheet HTML 5Page - fujitsu semiconductor MB88153A Datasheet HTML 6Page - fujitsu semiconductor MB88153A Datasheet HTML 7Page - fujitsu semiconductor MB88153A Datasheet HTML 8Page - fujitsu semiconductor MB88153A Datasheet HTML 9Page - fujitsu semiconductor MB88153A Datasheet HTML 10Page - fujitsu semiconductor MB88153A Datasheet HTML 11Page - fujitsu semiconductor MB88153A Datasheet HTML 12Page - fujitsu semiconductor MB88153A Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
MB88153A
9
■ ABSOLUTE MAXIMUM RATINGS
* : The parameter is based on VSS
= 0.0 V.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Rating
Unit
Min
Max
Power supply voltage*
VDD
− 0.5
+ 4.0
V
Input voltage*
VI
VSS
− 0.5
VDD
+ 0.5
V
Output voltage*
VO
VSS
− 0.5
VDD
+ 0.5
V
Storage temperature
TST
− 55
+ 125
°C
Operation junction
temperature
TJ
− 40
+ 125
°C
Output current
IO
− 14
+ 14
mA
Overshoot
VIOVER
VDD
+ 1.0 (tOVER ≤ 50 ns)
V
Undershoot
VIUNDER
VSS
− 1.0 (tUNDER ≤ 50 ns)
V
VDD
VSS
Input pin
Overshoot/Undershoot
tUNDER
≤ 50 ns
tOVER
≤ 50 ns
VIOVER
≤ VDD + 1.0 V
VIUNDER
≤ VSS − 1.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com