Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PPC405EP Datasheet(PDF) 30 Page - Applied Micro Circuits Corporation

Part # PPC405EP
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP Datasheet(HTML) 30 Page - Applied Micro Circuits Corporation

Back Button PPC405EP Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 34Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
30
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
Unused I/Os
Strapping of some pins may be necessary when they are unused. Although the PPC405EP requires only the pull-
up and pull-down terminations as specified in the “Signal Functional Description” on page 31, good design practice
is to terminate all unused inputs or to configure I/Os such that they always drive. If unused, the peripheral, SDRAM,
and PCI buses should be configured and terminated as follows:
•
Peripheral interface—PerAddr03:31, PerData00:15, and all of the control signals are driven by default. Pull
up PerReady.
•
SDRAM—Program SDRAM0_CFG[EMDULR]=1 and SDRAM0_CFG[DCE]=1. This causes the PPC405EP
to actively drive all of the SDRAM address, data, and control signals.
•
PCI—The PCI pull-up requirements given in the Signal Functional Description apply only when the PCI
interface is being used. When the PCI bridge is unused, configure the PCI controller to park on the bus and
actively drive PCIAD31:00, PCIC3:0/BE3:0, and the remaining PCI control signals by doing the following:
- Strap the PPC405EP to disable the internal PCI arbiter.
- Individually pull up PCISErr, PCIPErr, PCITRDY, and PCIStop through 3.3k
Ω resistors to +3.3V.
- Pull up PCIReq1:2 through a 3.3k
Ω resistor to +3.3V.
- Pull down PCIReq0/Gnt through a 1k
Ω resistor to GND.
External Bus Control Signals
All peripheral bus control signals (PerCS0:4, PerR/W, PerWBE0:1, PerOE, PerWE, PerBLast) are set to the high-
impedance state when ExtReset = 0. In addition, as detailed in the PowerPC 405EP Embedded Processor User’s
Manual, the peripheral bus controller can be programmed via EBC0_CFG to float some of these control signals
between transactions. As a result, a pull-up resistor should be added to those control signals where an undriven
state may affect any devices receiving that particular signal.
The following table lists all of the I/O signals provided by the PPC405EP. Please refer to “Signals Listed
Alphabetically” on page 13 for the pin number to which each signal is assigned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com