Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PPC405EP Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PPC405EP
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PPC405EP Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Part Number PPC405EP
Revision 1.07 – September 10, 2007
AMCC
1
PPC405EP
PowerPC 405EP Embedded Processor
Data Sheet
Features
AMCC PowerPC® 405 32-bit RISC processor
core operating up to 333MHz with 16KB D-
and I-caches
PC-133 synchronous DRAM (SDRAM) inter-
face
- 32-bit interface for non-ECC applications
4KB on-chip memory (OCM)
External peripheral bus
- Flash ROM/Boot ROM interface
- Direct support for 8- or 16-bit SRAM and
external peripherals
- Up to five devices
DMA support for memory and UARTs.
- Scatter-gather chaining supported
- Four channels
PCI Revision 2.2 compliant interface (32-bit, up
to 66MHz)
- Asynchronous PCI Bus interface
- Internal or external PCI Bus Arbiter
Two Ethernet 10/100Mbps (full-duplex) ports
with media independent interface (MII)
Programmable interrupt controller supports
seven external and 19 internal edge-triggered
or level-sensitive interrupts
Programmable timers
Software accessible event counters
Two serial ports (16750 compatible UART)
One IIC interface
General purpose I/O (GPIO) available
Supports JTAG for board level testing
Internal processor local bus (PLB) runs at
SDRAM interface frequency
Supports PowerPC processor boot from PCI
memory
Description
Designed specifically to address embedded
applications, the PowerPC 405EP (PPC405EP)
provides a high-performance, low-power solution that
interfaces to a wide range of peripherals by
incorporating on-chip power management features
and lower power dissipation requirements.
This chip contains a high-performance RISC
processor core, SDRAM controller, PCI bus interface,
Ethernet interface, control for external ROM and
peripherals, DMA with scatter-gather support, serial
ports, IIC interface, and general purpose I/O.
Technology: CMOS SA-27E, 0.18
μm (0.11 μm L
eff)
Package: 31mm, 385-ball, enhanced plastic ball grid
array (E-PBGA)
Power (typical): 0.72W at 266MHz


Similar Part No. - PPC405EP

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
PPC405EX-NPAFFFTX AMCC-PPC405EX-NPAFFFTX Datasheet
989Kb / 67P
PowerPC 405EX Embedded Processor
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
Power??Architecture Products Product Selector Guide
logo
Applied Micro Circuits ...
PPC405EX-SPAFFFTX AMCC-PPC405EX-SPAFFFTX Datasheet
989Kb / 67P
PowerPC 405EX Embedded Processor
PPC405EZ-CSAFFFTX AMCC-PPC405EZ-CSAFFFTX Datasheet
808Kb / 54P
PowerPC 405EZ Embedded Processor
More results

Similar Description - PPC405EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
logo
Applied Micro Circuits ...
PPC405CR AMCC-PPC405CR Datasheet
815Kb / 42P
PowerPC 405CR Embedded Processor
405EX AMCC-405EX Datasheet
989Kb / 67P
PowerPC 405EX Embedded Processor
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
405EZ AMCC-405EZ Datasheet
808Kb / 54P
PowerPC 405EZ Embedded Processor
440SP AMCC-440SP Datasheet
1Mb / 85P
PowerPC 440SP Embedded Processor
440SPE AMCC-440SPE Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
440EPX AMCC-440EPX Datasheet
2Mb / 94P
PowerPC 440EPx Embedded Processor
440GRX AMCC-440GRX Datasheet
1Mb / 88P
PowerPC 440GRx Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com