Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

405EX Datasheet(PDF) 4 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 4 Page - Applied Micro Circuits Corporation

  405EX Datasheet HTML 1Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 2Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 3Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 4Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 5Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 6Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 7Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
4
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
Ordering, PVR, and JTAG Information
This section provides the part number nomenclature. For availability, contact your local AMCC sales office.
The part number contains a part modifier. Included in the modifier is a revision code. This refers to the die mask
revision number and is specified in the part numbering scheme for identification purposes only.
The PVR (Processor Version Register) and the JTAG ID register are software accessible (read-only) and contain
information that uniquely identifies the part. See the PPC405EX Embedded Processor User’s Manual for details
about accessing these registers.
Order Part Number Key
Product Name
Order Part Number
(see Notes:)
Package
Rev
Level
PVR Value
JTAG ID
PPC405EX
PPC405EX-SpAfffTx
27mm, 388-ball, EPBGA
A
0x12911477
0x1405B1E1
PPC405EX
PPC405EX-NpAfffTx
27mm, 388-ball, EPBGA
A
0x12911475
0x1405B1E1
Notes:
1. S = security feature present, N = security feature not present
2. p = Package: S = lead-free (RoHS compliant), P = leaded
3. A = Chip revision level A
4. fff = Processor frequency
333 = 333MHz
400 = 400MHz
533 = 533MHz
666 = 667MHz
5. T = Case temperature range, -40
°C to +85°C
6. x = Shipping package type
Z = tape-and-reel
blank = tray
AMCC Part Number
PPC405EX-SSA667TZ
Chip Package
Processor Speed (MHz)
Security
Case Temperature Range
Shipping Package
Revision Level
Note: The example P/N above has the security feature, is lead-free, capable of running at 667MHz,
and is shipped in tape-and-reel packaging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com