Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

405EX Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  405EX Datasheet HTML 1Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 2Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 3Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 4Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 5Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 6Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 7Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Part Number 405EX
Revision 1.09 - August 21, 2007
AMCC Proprietary
1
405EX
PowerPC 405EX Embedded Processor
Preliminary Data Sheet
Features
• AMCC PowerPC® 405 32-bit RISC processor core
operating from 333MHz to 667MHz including
16KB I- and D-caches with parity checking
• On-chip 128-bit processor local bus (PLB)
operating up to 200MHz
• On-chip 32-bit peripheral bus (OPB) operating up
to 100 MHz
• External 8-,16-, or 32-bit peripheral bus (EBC)
operating up to 100MHz
• External bus master (EBM) operating up to
100MHz
• On-chip Security feature with True Random
Number generation
• Eight- and 16-bit NAND Flash interface
• Inter-chip connectivity (SCP and IIC)
• Boot from NOR Flash on the external peripheral
bus or NAND Flash on the NAND Flash interface
• DMA (4-channel) support for all on-chip slaves
and external bus, UARTs, and devices on the EBC
• DDR1/2 SDRAM interface operating up to 400
Mbps
• Two one-lane PCI Express interfaces operating up
to 2.5 Gbps
• Two Gigabit Ethernet interfaces (half- and full-
duplex) to external PHY (GMII/RGMII)
• USB 2.0 OTG port configurable as either Host or
Device
• Programmable universal interrupt controller (UIC)
• General Purpose Timer (GPT)
• Up to two serial ports (16750 compatible UART)
• Two IIC interfaces operating up to 400kHz and
supporting all standard IIC EEPROMs
• One SCP (SPI) synchronous full-duplex channel
operating up to 25 MHz
• General purpose I/Os (GPIOs), each with
programmable interrupts and outputs
• Supports JTAG for board-level testing
• System power management, low power
dissipation and small form factor
• Available in a RoHS compliant (lead-free) package
Description
With speeds up to 667MHz, a flexible off-chip memory
architecture, and a diverse communications package
that includes PCI Express, USB 2.0 OTG, and
10/100/1000 Ethernet, the PowerPC 405EX
embedded processor provides a low power and small
footprint system-on-a-chip (SOC) solution for a wide
range of high performance, cost-constrained
embedded applications. This includes wireless LAN
applications, security appliances, internet appliances,
line cards, and intelligent USB peripherals. It is an
easily programmable general purpose, 32-bit RISC
controller that offers an upgrade path for applications
in need of performance and connectivity
improvements.
Technology: Cu-08 CMOS, 90nm
Package: 388-ball, 27mm
× 27mm, enhanced plastic
ball grid array (EPBGA), 1mm ball pitch
Power consumption (est.): less than 2W, typical
Voltages required: 3.3V, 2.5V, 1.8V (DDR2 SDRAM
only), and 1.2V


Similar Part No. - 405EX

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
More results

Similar Description - 405EX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
Embedded Processor
Dec-2007
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
Embedded Processor
Apr-2007
logo
Applied Micro Circuits ...
PPC405CR AMCC-PPC405CR Datasheet
815Kb / 42P
PowerPC 405CR Embedded Processor
PPC405EP AMCC-PPC405EP Datasheet
799Kb / 50P
PowerPC 405EP Embedded Processor
405EXR AMCC-405EXR Datasheet
176Kb / 2P
Embedded Processor
405EZ AMCC-405EZ Datasheet
808Kb / 54P
PowerPC 405EZ Embedded Processor
440SP AMCC-440SP Datasheet
1Mb / 85P
PowerPC 440SP Embedded Processor
440SPE AMCC-440SPE Datasheet
1Mb / 80P
PowerPC 440SPe Embedded Processor
440EPX AMCC-440EPX Datasheet
2Mb / 94P
PowerPC 440EPx Embedded Processor
440GRX AMCC-440GRX Datasheet
1Mb / 88P
PowerPC 440GRx Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com